Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18T512160AF-37 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYB18T512160AF-37
Description  512-Mbit Double-Data-Rate-Two SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18T512160AF-37 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYB18T512160AF-37 Datasheet HTML 6Page - Infineon Technologies AG HYB18T512160AF-37 Datasheet HTML 7Page - Infineon Technologies AG HYB18T512160AF-37 Datasheet HTML 8Page - Infineon Technologies AG HYB18T512160AF-37 Datasheet HTML 9Page - Infineon Technologies AG HYB18T512160AF-37 Datasheet HTML 10Page - Infineon Technologies AG HYB18T512160AF-37 Datasheet HTML 11Page - Infineon Technologies AG HYB18T512160AF-37 Datasheet HTML 12Page - Infineon Technologies AG HYB18T512160AF-37 Datasheet HTML 13Page - Infineon Technologies AG HYB18T512160AF-37 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
HYB18T512[400/800/160]A[C/F]–[3.7/5]
512-Mbit Double-Data-Rate-Two SDRAM
Overview
Data Sheet
10
Rev. 1.13, 2004-05
09112003-SDM9-IQ3P
Address Signals
×16 organization
L2
BA0
I
SSTL
Bank Address Bus 1:0
L3
BA1
I
SSTL
L1
NC
M8
A0
I
SSTL
Address Signal 12:0
M3
A1
I
SSTL
M7
A2
I
SSTL
N2
A3
I
SSTL
N8
A4
I
SSTL
N3
A5
I
SSTL
N7
A6
I
SSTL
P2
A7
I
SSTL
P8
A8
I
SSTL
P3
A9
I
SSTL
M2
A10
I
SSTL
AP
I
SSTL
P7
A11
I
SSTL
R2
A12
I
SSTL
Data Signals
×4/×8 organizations
C8
DQ0
I/O
SSTL
Data Signal 0
C2
DQ1
I/O
SSTL
Data Signal 1
D7
DQ2
I/O
SSTL
Data Signal 2
D3
DQ3
I/O
SSTL
Data Signal 3
Data Signals
×8 organization
D1
DQ4
I/O
SSTL
Data Signal 4
D9
DQ5
I/O
SSTL
Data Signal 5
B1
DQ6
I/O
SSTL
Data Signal 6
B9
DQ7
I/O
SSTL
Data Signal 7
Data Signals
×16 organization
G8
DQ0
I/O
SSTL
Data Signal 0
G2
DQ1
I/O
SSTL
Data Signal 1
H7
DQ2
I/O
SSTL
Data Signal 2
H3
DQ3
I/O
SSTL
Data Signal 3
H1
DQ4
I/O
SSTL
Data Signal 4
H9
DQ5
I/O
SSTL
Data Signal 5
F1
DQ6
I/O
SSTL
Data Signal 6
F9
DQ7
I/O
SSTL
Data Signal 7
C8
DQ8
I/O
SSTL
Data Signal 8
C2
DQ9
I/O
SSTL
Data Signal 9
D7
DQ10
I/O
SSTL
Data Signal 10
Table 3
Pin Configuration of DDR SDRAM
Ball#/Pin#
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYB18T512160AF-37

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T512160AF-3 INFINEON-HYB18T512160AF-3 Datasheet
2Mb / 117P
   512-Mbit DDR2 SDRAM
Rev. 1.3, Jan. 2005
logo
Qimonda AG
HYB18T512160AF-3 QIMONDA-HYB18T512160AF-3 Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
logo
Infineon Technologies A...
HYB18T512160AF-3.7 INFINEON-HYB18T512160AF-3.7 Datasheet
2Mb / 117P
   512-Mbit DDR2 SDRAM
Rev. 1.3, Jan. 2005
logo
Qimonda AG
HYB18T512160AF-3.7 QIMONDA-HYB18T512160AF-3.7 Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
logo
Infineon Technologies A...
HYB18T512160AF-3S INFINEON-HYB18T512160AF-3S Datasheet
2Mb / 117P
   512-Mbit DDR2 SDRAM
Rev. 1.3, Jan. 2005
More results

Similar Description - HYB18T512160AF-37

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B QIMONDA-HYB18T512400B Datasheet
3Mb / 68P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
HYI25D512160C QIMONDA-HYI25D512160C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com