Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB25D128160AT-6 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # HYB25D128160AT-6
Description  128 Mbit Double Data Rate SDRAM
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25D128160AT-6 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button HYB25D128160AT-6 Datasheet HTML 3Page - Infineon Technologies AG HYB25D128160AT-6 Datasheet HTML 4Page - Infineon Technologies AG HYB25D128160AT-6 Datasheet HTML 5Page - Infineon Technologies AG HYB25D128160AT-6 Datasheet HTML 6Page - Infineon Technologies AG HYB25D128160AT-6 Datasheet HTML 7Page - Infineon Technologies AG HYB25D128160AT-6 Datasheet HTML 8Page - Infineon Technologies AG HYB25D128160AT-6 Datasheet HTML 9Page - Infineon Technologies AG HYB25D128160AT-6 Datasheet HTML 10Page - Infineon Technologies AG HYB25D128160AT-6 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
HYB25D128[400/800/160]A-[6/7/8]
128Mbit Double Data Rate SDRAM
Overview
Data Sheet
7
Rev. 1.06, 2004-01
09192003-LFQ1-R60G
coincident with the Active command are used to select the bank and row to be accessed. The address bits
registered coincident with the Read or Write command are used to select the bank and the starting column location
for the burst access.
The DDR SDRAM provides for programmable Read or Write burst lengths of 2, 4 or 8 locations. An Auto
Precharge function may be enabled to provide a self-timed row precharge that is initiated at the end of the burst
access.
As with standard SDRAMs, the pipelined, multibank architecture of DDR SDRAMs allows for concurrent operation,
thereby providing high effective bandwidth by hiding row precharge and activation time.
An auto refresh mode is provided along with a power-saving power-down mode. All inputs are compatible with the
JEDEC Standard for SSTL_2. All outputs are SSTL_2, Class II compatible.
Note: The functionality described and the timing specifications included in this data sheet are for the DLL Enabled
mode of operation.
Table 2
Ordering Information
1)
1) Low Power Versions have a “L” in the partnumber, for example HYB25D128400ATL-8. These components are specifically
selected for low IDD6 Self Refresh currents.
Type
CAS
Latency
Clock
(MHz)
CAS
Latency
Clock
(MHz)
Speed
Org.
Package
HYB25D128400AT(L)-8
2.5
125
2
100
DDR200
×4
66 pin
TSOP-II
HYB25D128800AT(L)-8
×8
HYB25D128160AT(L)-8
×16
HYB25D128400AT(L)-7
143
133
DDR266A
×4
HYB25D128800AT(L)-7
×8
HYB25D128160AT(L)-7
×16
HYB25D128400AT(L)-6
166
133
DDR333
×4
HYB25D128800AT(L)-6
×8
HYB25D128160AT(L)-6
×16


Similar Part No. - HYB25D128160AT-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D128160C QIMONDA-HYB25D128160C Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D128160CE-5 INFINEON-HYB25D128160CE-5 Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
logo
Qimonda AG
HYB25D128160CE-5 QIMONDA-HYB25D128160CE-5 Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D128160CE-6 INFINEON-HYB25D128160CE-6 Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
logo
Qimonda AG
HYB25D128160CE-6 QIMONDA-HYB25D128160CE-6 Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25D128160AT-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D128160C QIMONDA-HYB25D128160C Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D128160CT INFINEON-HYB25D128160CT Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
logo
Qimonda AG
HYB25DC128800C QIMONDA-HYB25DC128800C Datasheet
1Mb / 32P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com