Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO721DRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO721DRG4
Description  Single Channel High-Speed Digital Isolators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO721DRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO721DRG4 Datasheet HTML 3Page - Texas Instruments ISO721DRG4 Datasheet HTML 4Page - Texas Instruments ISO721DRG4 Datasheet HTML 5Page - Texas Instruments ISO721DRG4 Datasheet HTML 6Page - Texas Instruments ISO721DRG4 Datasheet HTML 7Page - Texas Instruments ISO721DRG4 Datasheet HTML 8Page - Texas Instruments ISO721DRG4 Datasheet HTML 9Page - Texas Instruments ISO721DRG4 Datasheet HTML 10Page - Texas Instruments ISO721DRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ISO721, ISO721M, ISO722, ISO722M
www.ti.com
SLLS629L – JANUARY 2006 – REVISED OCTOBER 2015
7.4 Thermal Information
ISO721
ISO72x
THERMAL METRIC(1)
DUB
D
UNIT
8 PINS
8 PINS
RθJA
High-K Board
86.6
114.7
Junction-to-ambient thermal resistance
°C/W
Low-K Board
N/A
263
RθJC(top)
Junction-to-case (top) thermal resistance
70.3
63
°C/W
RθJB
Junction-to-board thermal resistance
50.2
54.8
°C/W
ψJT
Junction-to-top characterization parameter
34.3
18.9
°C/W
ψJB
Junction-to-board characterization parameter
49.8
54.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics, 5 V
VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent
0.5
1
ICC1
VCC1 supply current
VI = VCC or 0 V, no load
mA
25 Mbps
2
4
ISO722/722M Sleep Mode
EN at VCC
200
μA
VI = VCC or 0 V,
EN at 0 V or
No load
ICC2
VCC2 supply current
Quiescent
8
12
ISO721/721M
mA
25 Mbps
VI = VCC or 0 V, no load
10
14
IOH = –4 mA, See Figure 10
VCC – 0.8
4.6
VOH
High-level output voltage
V
IOH = –20 μA, See Figure 10
VCC – 0.1
5
IOL = 4 mA, See Figure 10
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 10
0
0.1
VI(HYS) Input voltage hysteresis
150
mV
IIH
High-level input current
EN, IN at 2 V
10
μA
IIL
Low-level input current
EN, IN at 0.8 V
–10
High-impedance
IOZ
ISO722, ISO722M
EN, IN at VCC
1
μA
output current
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4 × 10
6πt)
1
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 14
25
50
kV/
μs
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO721 ISO721M ISO722 ISO722M


Similar Part No. - ISO721DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO721DRG4 TI-ISO721DRG4 Datasheet
1Mb / 22P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721DRG4 TI1-ISO721DRG4 Datasheet
678Kb / 29P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
JULY2010
More results

Similar Description - ISO721DRG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
   High Speed Four-Channel Digital Isolators
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
[Old version datasheet]   High-Speed, Quad-Channel Digital Isolators
logo
Analog Devices
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com