Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEJ110100 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPEJ110100
Description  Compact Momentary Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPEJ110100 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPEJ110100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPEJ110100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPEJ110100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
138
138
Soldering time
SPEH
Series
Series
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA (K) or CC (T) at soldering portion (copper foil surface).
A heat resisting tape should be used for fixed measurement.
3. Temperature profile
300
200
100
A max.
B
E
D
Time (s)
C
Pre-heating
F max.
Room
temperature
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's
  temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc.
The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
Notes
260
Series(Reflow type)
230
40
180
150
120
SPEG
SPEJ
SPEF
A(℃)
3s max.
B(℃)
C(s)
D(℃)
E(℃)
F(s)
10±1s
Soldering temperature Duration of immersion
Preheating temperature
Preheating time
SPPJ2, SPPH1, SPED2, SPED4, SPEF
SPUJ, SPPH2, SPPH4
SPUN
SPPJ3
100℃ max.
60s max.
260±5℃
5±1s
100℃ max.
60s max.
260±5℃
10±1s
260±5℃
5±1s
260±5℃
Items
Dip soldering
Reference for Dip Soldering
(For PC board terminal types)
300±10℃
SPUJ
3+1/0s
350℃ max.
SPEH, SPPH2
SPEG, SPEF
SPEJ
SPED2, SPED4
SPPJ3, SPPJ2, SPUN, SPPH4, SPPH1
350±10℃
3+1/0s
350±10℃
3±0.5s
350±10℃
4s max.
350±5℃
3s max.
3s max.
Soldering temperature
Reference for Hand Soldering
For PC board 端子タイプに適用
Push Switches Soldering Conditions


Similar Part No. - SPEJ110100

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
SPE-1001-25 PDI-SPE-1001-25 Datasheet
49Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
logo
Cree, Inc
SPE/LC503PBG1-30Q-A3 CREE-SPE/LC503PBG1-30Q-A3 Datasheet
168Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
List of Unclassifed Man...
SPE/LC503PBL1-15Q-A3 ETC2-SPE/LC503PBL1-15Q-A3 Datasheet
165Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
SYNC POWER Crop.
SPE0311 SYNC-POWER-SPE0311 Datasheet
292Kb / 6P
   Single-Line ESD Protection Array
2019/06/12 Ver 1
SPE0311D52RGB SYNC-POWER-SPE0311D52RGB Datasheet
292Kb / 6P
   Single-Line ESD Protection Array
2019/06/12 Ver 1
More results

Similar Description - SPEJ110100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEG ALPS-SPEG_15 Datasheet
947Kb / 3P
   Hollow Slider Momentary Type
SPEG ALPS-SPEG Datasheet
392Kb / 4P
   Hollow Slider Momentary Type Push Switch
logo
Grayhill, Inc
400110-09 GRAYHILL-400110-09 Datasheet
213Kb / 1P
   Momentary or Momentary With Positive Feel
4001UL GRAYHILL-4001UL Datasheet
63Kb / 1P
   Momentary or Momentary With Positive Feel
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Elektron Components Ltd...
MP0042 BULGIN-MP0042 Datasheet
92Kb / 1P
   Stainless Steel - Momentary
logo
Sharp Corporation
PT360 SHARP-PT360 Datasheet
98Kb / 3P
   COMPACT TYPE PHOTOTRANSISTOR
logo
TDK Electronics
RSEL-20R5W TDK-RSEL-20R5W Datasheet
1Mb / 5P
   Compact Multipurpose Type
logo
Schneider Electric
9001KR24GM SCHNEIDER-9001KR24GM Datasheet
159Kb / 5P
   Momentary Push Button
Dec 27, 2021
9001KR25BM SCHNEIDER-9001KR25BM Datasheet
152Kb / 5P
   Momentary Push Button
Dec 27, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com