Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO722MDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO722MDR
Description  Single Channel High-Speed Digital Isolators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO722MDR Datasheet(HTML) 2 Page - Texas Instruments

  ISO722MDR Datasheet HTML 1Page - Texas Instruments ISO722MDR Datasheet HTML 2Page - Texas Instruments ISO722MDR Datasheet HTML 3Page - Texas Instruments ISO722MDR Datasheet HTML 4Page - Texas Instruments ISO722MDR Datasheet HTML 5Page - Texas Instruments ISO722MDR Datasheet HTML 6Page - Texas Instruments ISO722MDR Datasheet HTML 7Page - Texas Instruments ISO722MDR Datasheet HTML 8Page - Texas Instruments ISO722MDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ISO721, ISO721M, ISO722, ISO722M
SLLS629L – JANUARY 2006 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Parameter Measurement Information ................ 15
2
Applications ........................................................... 1
9
Detailed Description ............................................ 18
9.1
Overview ................................................................. 18
3
Description ............................................................. 1
9.2
Functional Block Diagram ....................................... 18
4
Revision History..................................................... 2
9.3
Features Description ............................................... 19
5
Device Comparison Table..................................... 4
9.4
Device Functional Modes........................................ 21
6
Pin Configuration and Functions ......................... 4
10
Application and Implementation........................ 22
7
Specifications......................................................... 5
10.1
Application Information.......................................... 22
7.1
Absolute Maximum Ratings ..................................... 5
10.2
Typical Application ................................................ 22
7.2
ESD Ratings ............................................................ 5
11
Power Supply Recommendations ..................... 24
7.3
Recommended Operating Conditions ....................... 5
12
Layout................................................................... 24
7.4
Thermal Information .................................................. 6
12.1
Layout Guidelines ................................................. 24
7.5
Electrical Characteristics, 5 V ................................... 6
12.2
Layout Example .................................................... 25
7.6
Electrical Characteristics, 5 V, 3.3 V......................... 7
13
Device and Documentation Support ................. 26
7.7
Electrical Characteristics, 3.3 V, 5 V......................... 7
13.1
Documentation Support ....................................... 26
7.8
Electrical Characteristics, 3.3 V ............................... 8
13.2
Related Links ........................................................ 26
7.9
Power Dissipation ..................................................... 8
13.3
Trademarks ........................................................... 26
7.10
Switching Characteristics, 5 V ................................ 9
13.4
Electrostatic Discharge Caution ............................ 26
7.11
Switching Characteristics, 5 V, 3.3 V.................... 10
13.5
Glossary ................................................................ 26
7.12
Switching Characteristics, 3.3 V, 5 V.................... 11
7.13
Switching Characteristics, 3.3 V .......................... 12
14
Mechanical, Packaging, and Orderable
Information ........................................................... 26
7.14
Typical Characteristics .......................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (February 2012) to Revision L
Page
Moved Power Dissipation metric into new table, called Power Dissipation .......................................................................... 8
Added header row above "VIORM" row with the text "DIN V VDE V 0884-10 (VDE V 0884-10):2006-12" in the
Insulation Characteristics table............................................................................................................................................. 19
Added "UL 1577" header row over "VISO" row in the Insulation Characteristics table. ........................................................ 19
Moved "VISO" row to the bottom of the Insulation Characteristics table. ............................................................................. 19
Deleted "per UL" in "Isolation voltage" in the Insulation Characteristics table. ................................................................... 19
Changed the D-8 MIN value of L(101) from "4.8" to "4" in the Package Insulation Characteristics table. ......................... 20
Changed the D-8 MIN value of L(102) from "4.3" to "4" in the Package Insulation Characteristics table. ......................... 20
Changed Test Condition "DIN IEC 60112/VDE 0303 Part 1" to "DIN EN 60112 (VDE 0303-11); IEC 60112" in the
Package Insulation Characteristics table. ............................................................................................................................ 20
Deleted bottom row of the Package Insulation Characteristics table. ................................................................................. 20
Changes from Revision J (July 2010) to Revision K
Page
Added ESD Rating table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information............................................................................................................... 1
Changed the Title From: 3.3-V / 5-V High-Speed Digital Isolators To: ISO72x Single Channel High-Speed Digital
Isolators .................................................................................................................................................................................. 1
Changed the Features List .................................................................................................................................................... 1
Changed the second paragraph of the Description From: "4000 V" To: "4000 VPK per VDE..."............................................ 1
Changed the Thermal Information table ................................................................................................................................. 6
Changed Figure 1 ................................................................................................................................................................. 13
Changed the Basic isolation group Specification From: IIIa To: II in IEC 60664-1 Ratings Table....................................... 19
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: ISO721 ISO721M ISO722 ISO722M


Similar Part No. - ISO722MDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO722MDR TI-ISO722MDR Datasheet
1Mb / 22P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO722MDR TI-ISO722MDR Datasheet
594Kb / 26P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO722MDR TI1-ISO722MDR Datasheet
678Kb / 29P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
JULY2010
ISO722MDRG4 TI-ISO722MDRG4 Datasheet
1Mb / 22P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO722MDRG4 TI1-ISO722MDRG4 Datasheet
678Kb / 29P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
JULY2010
More results

Similar Description - ISO722MDR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
   High Speed Four-Channel Digital Isolators
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
[Old version datasheet]   High-Speed, Quad-Channel Digital Isolators
logo
Analog Devices
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com