Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO3086TDWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3086TDWR
Description  Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO3086TDWR Datasheet(HTML) 4 Page - Texas Instruments

  ISO3086TDWR Datasheet HTML 1Page - Texas Instruments ISO3086TDWR Datasheet HTML 2Page - Texas Instruments ISO3086TDWR Datasheet HTML 3Page - Texas Instruments ISO3086TDWR Datasheet HTML 4Page - Texas Instruments ISO3086TDWR Datasheet HTML 5Page - Texas Instruments ISO3086TDWR Datasheet HTML 6Page - Texas Instruments ISO3086TDWR Datasheet HTML 7Page - Texas Instruments ISO3086TDWR Datasheet HTML 8Page - Texas Instruments ISO3086TDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ISO3086T
SLLSE27D – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
Bus pins and GND1
±6000
Human body model (HBM), per ANSI/ESDA/JEDEC JS-
Bus pins and GND2
±11000
001(1)
Electrostatic
V(ESD)
All pins
±4000
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
Machine model (MM), ANSI/ESDS5.2-1996
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
3.3 V Operation
3
3.3
3.6
VCC1
Logic-side supply voltage
V
5 V Operation
4.5
5
5.5
VCC2
Bus-side supply voltage
4.5
5
5.5
V
VI or VIC
Voltage at any bus terminal (separately or common-mode)
–7
12
V
RE
2
VCC1
VIH
High-level input voltage
V
D, DE
0.7 VCC1
RE
0
0.8
VIL
Low-level input voltage
V
D, DE
0.3 VCC1
A with respect to B
–12
12
VID
Differential input voltage
V
Dynamic
See Figure 16
RL
Differential load resistance
54
60
Ω
Driver
–60
60
IO
Output Current
mA
Receiver
–8
8
TA
Ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
1 / tUI
Signaling Rate
20
Mbps
6.4 Thermal Information
ISO3086T
THERMAL METRIC(1)
DW (SOIC)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
80.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43.8
°C/W
RθJB
Junction-to-board thermal resistance
49.7
°C/W
ψJT
Junction-to-top characterization parameter
13.8
°C/W
ψJB
Junction-to-board characterization parameter
41.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Power Rating
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
VCC1 = VCC2 = 5.5V, TJ = 150°C, RL = 54Ω,
CL = 50pF (Driver), CL = 15pF (Receiver),
PD
Maximum device power dissipation
490
mW
Input a 10 MHz 50% duty cycle square wave
to Driver and Receiver
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: ISO3086T


Similar Part No. - ISO3086TDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3086TDWR TI1-ISO3086TDWR Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
More results

Similar Description - ISO3086TDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com