Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO3082DW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3082DW
Description  Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO3082DW Datasheet(HTML) 5 Page - Texas Instruments

  ISO3082DW Datasheet HTML 1Page - Texas Instruments ISO3082DW Datasheet HTML 2Page - Texas Instruments ISO3082DW Datasheet HTML 3Page - Texas Instruments ISO3082DW Datasheet HTML 4Page - Texas Instruments ISO3082DW Datasheet HTML 5Page - Texas Instruments ISO3082DW Datasheet HTML 6Page - Texas Instruments ISO3082DW Datasheet HTML 7Page - Texas Instruments ISO3082DW Datasheet HTML 8Page - Texas Instruments ISO3082DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ISO3080, ISO3082, ISO3086, ISO3088
www.ti.com
SLOS581H – MAY 2008 – REVISED DECEMBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VCC
Input supply voltage, (2) VCC1, VCC2
–0.3
6
V
VO
Voltage at any bus I/O terminal
–9
14
V
VIT
Voltage input, transient pulse, A, B, Y, and Z (through 100
Ω, see Figure 20)
–50
50
V
VI
Voltage input at any D, DE or RE terminal
–0.5
7
V
IO
Receiver output current
±10
mA
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values
7.2 ESD Ratings
VALUE
UNIT
Bus pins and GND1
±6000
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
Bus pins and GND2
±12000
V
pins(1)
V(ESD)
Electrostatic discharge
All pins
±4000
Charged device model (CDM), per JEDEC specification JESD22-
All pins
±1000
V
C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
VCC1
Logic-side supply voltage (1)
3.15
5.5
V
VCC2
Bus-side supply voltage(1)
4.5
5
5.5
V
VOC
Voltage at either bus I/O terminal
A, B
–7
12
V
VIH
High-level input voltage
2
VCC
D, DE, RE
V
VIL
Low-level input voltage
0
0.8
A with respect to B
–12
12
VID
Differential input voltage
V
Dynamic (ISO3086)
see Figure 9
RL
Differential input resistance
54
60
Driver
–60
60
IO
Output current
mA
Receiver
–8
8
TA
Ambient temperature
–40
85
°C
(1)
For 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V. For 3.3-V operation, VCC1 is specified from 3.15 V to 3.6 V.
7.4 Thermal Information
ISO308x
THERMAL METRIC(1)
DW
UNIT
16 PINS
168
Low-K thermal resistance(2)
RθJA
Junction-to-ambient thermal resistance
°C/W
High-K thermal resistance
79.6
RθJC(top)
Junction-to-case (top) thermal resistance
39.7
°C/W
RθJB
Junction-to-board thermal resistance
44.7
°C/W
ψJT
Junction-to-top characterization parameter
11.8
°C/W
ψJB
Junction-to-board characterization parameter
44.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface mount packages.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088


Similar Part No. - ISO3082DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3082DW TI-ISO3082DW Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3082DW TI-ISO3082DW Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3082DW TI-ISO3082DW Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3082DW TI1-ISO3082DW Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3082DWG4 TI-ISO3082DWG4 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
More results

Similar Description - ISO3082DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com