Electronic Components Datasheet Search |
|
ISO3082DW Datasheet(PDF) 10 Page - Texas Instruments |
|
|
ISO3082DW Datasheet(HTML) 10 Page - Texas Instruments |
10 / 31 page VOD 50 W D A B DE VCC1 VI Input Generator Generator: PRR = 100 kHz, 50 % duty cycle, t r < 6ns, tf <6 ns, ZO = 50 3V tf tr tPLH tPHL 10% 90% VOD VI 90% 10% VOD(H) VOD(L) includesfixtureand instrumentationcapacitance L C 50% 50% GND1 R =54 ±1% L W C =50pF ±20% L 50% 50% Input I I VI VCC1 DE A B VOB VOA VOD I OA I OB GND2 GND1 GND1 GND2 VOC 27 W VOC B V B V A A VOC(SS) OC(p-p) V 27 W Generator: PRR= 100 kHz, 50 % duty cycle, t r < 6ns, tf <6 ns, ZO = 50 W Input 0 or I I VI V CC1 DE A B VOB VOA VOD IOA IOB GND1 GND1 GND2 V CC1 GND2 375 W 60 W + V OD – D DE GND 2 V CC2 A B 0 V or 3 V 375 W –7 V to 12 V ISO3080, ISO3082, ISO3086, ISO3088 SLOS581H – MAY 2008 – REVISED DECEMBER 2015 www.ti.com 8 Parameter Measurement Information Figure 10. Driver VOD Test and Current Definitions Figure 11. Driver VOD With Common-Mode Loading Test Circuit Note: Unless otherwise stated, test circuits are shown for half-duplex devices, ISO3082 & ISO3088. For full- duplex devices, driver output pins are Y and Z. Figure 12. Test Circuit and Waveform Definitions For The Driver Common-Mode Output Voltage Figure 13. Driver Switching Test Circuit and Voltage Waveforms 10 Submit Documentation Feedback Copyright © 2008–2015, Texas Instruments Incorporated Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088 |
Similar Part No. - ISO3082DW |
|
Similar Description - ISO3082DW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |