Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7220ADG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220ADG4
Description  Dual Channel Digital Isolators
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7220ADG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7220ADG4 Datasheet HTML 6Page - Texas Instruments ISO7220ADG4 Datasheet HTML 7Page - Texas Instruments ISO7220ADG4 Datasheet HTML 8Page - Texas Instruments ISO7220ADG4 Datasheet HTML 9Page - Texas Instruments ISO7220ADG4 Datasheet HTML 10Page - Texas Instruments ISO7220ADG4 Datasheet HTML 11Page - Texas Instruments ISO7220ADG4 Datasheet HTML 12Page - Texas Instruments ISO7220ADG4 Datasheet HTML 13Page - Texas Instruments ISO7220ADG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755N – JULY 2006 – REVISED SEPTEMBER 2015
www.ti.com
6.7 Electrical Characteristics: 3.3 V, 5 V
VCC1 at 3.3 V ± 10%, VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ISO7220x
0.6
1
Quiescent
VI = VCC or 0 V, no load
mA
ISO7221x
4.3
9.5
ISO7220A, ISO7220B
1
2
0.5 MHz Input Clock Signal, no
ICC1
1 Mbps
mA
load
ISO7221A, ISO7221B
5
11
ISO7220C, ISO7220M
2
4
12.5 MHz Input Clock Signal,
25 Mbps
mA
no load
ISO7221C, ISO7221M
6
12
ISO7220x
16
31
Quiescent
VI = VCC or 0 V, no load
mA
ISO7221x
8.5
17
ISO7220A, ISO7220B
18
32
0.5 MHz Input Clock Signal, no
ICC2
1 Mbps
mA
load
ISO7221A, ISO7221B
10
18
ISO7220C, ISO7220M
20
34
12.5 MHz Input Clock Signal,
25 Mbps
mA
no load
ISO7221C, ISO7221M
12
22
ISO7220x,
VCC – 0.8
ISO7221x (5-V side)
IOH = –4 mA, See Figure 13
VOH
High-level output voltage
ISO7221x
VCC – 0.4
(3.3-V side)
V
All devices
IOH = –20 μA, See Figure 13
VCC – 0.1
IOL = 4 mA, See Figure 13
0.4
VOL
Low-level output voltage
IOL = 20 μA, See Figure 13
0
0.1
VI(HYS)
Input threshold voltage hysteresis
150
mV
IIH
High-level input current
IN from 0 V or VCC
10
μA
IIL
Low-level input current
IN from 0 V or VCC
–10
μA
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
1
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 15
15
40
kV/
μs
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M


Similar Part No. - ISO7220ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7220ADG4 TI-ISO7220ADG4 Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220ADG4 TI-ISO7220ADG4 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results

Similar Description - ISO7220ADG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com