Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7241CDWG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7241CDWG4
Description  High-Speed, Quad-Channel Digital Isolators
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7241CDWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7241CDWG4 Datasheet HTML 4Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 5Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 6Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 7Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 8Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 9Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 10Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 11Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
1
2
3
4
5
6
7
8
ISO7240
9
10
11
12
13
14
15
16
NC
INA
GND1
VCC1
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
VCC2
IND
OUTD
1
2
3
4
5
6
7
8
ISO7241
9
10
11
12
13
14
15
16
INA
GND1
VCC1
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
VCC2
IND
OUTD
EN2
EN1
1
2
3
4
5
6
7
8
ISO7242
9
10
11
12
13
14
15
16
INA
GND1
VCC1
GND1
GND2
GND2
INB
OUTA
OUTB
VCC2
IND
OUTD
EN2
EN1
OUTC
INC
DISABLE
INA
GND1
VCC1
GND1
INB
INC
IND
GND2
GND2
OUTA
OUTC
OUTB
CTRL
VCC2
OUTD
ISO7240CF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
www.ti.com
6 Pin Configurations and Functions
Pin Functions
PIN
I/O
DESCRIPTION3
NAME
ISO7240CF
ISO7240
ISO7241
ISO7242
INA
3
3
3
3
I
Input, channel A
INB
4
4
4
4
I
Input, channel B
INC
5
5
5
12
I
Input, channel C
IND
6
6
11
11
I
Input, channel D
OUTA
14
14
14
14
O
Output, channel A
OUTB
13
13
13
13
O
Output, channel B
OUTC
12
12
12
5
O
Output, channel C
OUTD
11
11
6
6
O
Output, channel D
Output enable 1. Output pins on side-1 are enabled when EN1 is
EN1
7
7
I
high or open and disabled when EN1 is low.
Output enable 2. Output pins on side-2 are enabled when EN2 is
EN2
10
10
I
high or open and disabled when EN2 is low.
Output enable. All output pins are enabled when EN is high or
EN
10
I
open and disabled when EN is low.
Input disable. All input pins are disabled when DISABLE is high
DISABLE
7
I
and enabled when DISABLE is low or open.
Failsafe output control. Output state is determined by CTRL pin
CTRL
10
I
when DISABLE is high or VCC1 is powered down. Output is high
when CTRL is high or open and low when CTRL is low.
VCC1
1
1
1
1
Power supply, VCC1
VCC2
16
16
16
16
Power supply, VCC2
GND1
2,8
2,8
2,8
2, 8
Ground connection for VCC1
GND2
9,15
9,15
9,15
9, 15
Ground connection for VCC2
NC
7
No Connect pins are floating with no internal connection
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M


Similar Part No. - ISO7241CDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7241CDWG4 TI-ISO7241CDWG4 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7241CDWG4 TI-ISO7241CDWG4 Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7241CDWG4 TI1-ISO7241CDWG4 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
More results

Similar Description - ISO7241CDWG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com