Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7241CDWG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7241CDWG4
Description  High-Speed, Quad-Channel Digital Isolators
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7241CDWG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7241CDWG4 Datasheet HTML 6Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 7Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 8Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 9Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 10Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 11Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 12Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 13Page - Texas Instruments ISO7241CDWG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
www.ti.com
7.4 Thermal Information
ISO724x
THERMAL METRIC(1)
DW
UNIT
16 PINS
RθJA
Low-K board
168
Junction-to-ambient thermal
resistance
High-K board
77.3
RθJC(top)
Junction-to-case (top) thermal resistance
39.5
RθJB
Junction-to-board thermal resistance
41.9
°C/W
ψJT
Junction-to-top characterization parameter
13.5
ψJB
Junction-to-board characterization parameter
41.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
PD
Device power dissipation
220
mW
Input a 50% duty cycle square wave
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics: VCC1 and VCC2 at 5-V
(1) Operation
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Quiescent
VI = VCC or 0 V
1
3
All channels, no load,
ISO7240C/M
mA
EN at 3 V
25 Mbps
12.5 MHz Input Clock Signal
7
10.5
Quiescent
VI = VCC or 0 V
6.5
11
All channels, no load,
ICC1
ISO7241C/M
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
12.5 MHz Input Clock Signal
12
18
Quiescent
VI = VCC or 0 V
10
16
All channels, no load,
ISO7242C/M
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
12.5 MHz Input Clock Signal
15
24
Quiescent
VI = VCC or 0 V
15
22
All channels, no load,
ISO7240C/M
mA
EN at 3 V
25 Mbps
12.5 MHz Input Clock Signal
17
25
Quiescent
VI = VCC or 0 V
13
20
All channels, no load,
ICC2
ISO7241C/M
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
12.5 MHz Input Clock Signal
18
28
Quiescent
VI = VCC or 0 V
10
16
All channels, no load,
ISO7242C/M
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
12.5 MHz Input Clock Signal
15
24
ELECTRICAL CHARACTERISTICS
IOFF
Sleep mode output current
EN at 0 V, Single channel
0
μA
IOH = –4 mA, See Figure 9
VCCO – 0.8
VOH
High-level output voltage
V
IOH = –20 μA, See Figure 9
VCCO – 0.1
IOL = 4 mA, See Figure 9
0.4
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 9
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
IN at VCCI
10
μA
IIL
Low-level input current
IN at 0 V
–10
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
2
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 13
25
50
kV/
μs
(1)
For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V.
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M


Similar Part No. - ISO7241CDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7241CDWG4 TI-ISO7241CDWG4 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7241CDWG4 TI-ISO7241CDWG4 Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7241CDWG4 TI1-ISO7241CDWG4 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
More results

Similar Description - ISO7241CDWG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com