Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8041-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041-Q1
Description  Automotive Four-Port USB 3.0 Hub
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB8041-Q1 Datasheet HTML 4Page - Texas Instruments TUSB8041-Q1 Datasheet HTML 5Page - Texas Instruments TUSB8041-Q1 Datasheet HTML 6Page - Texas Instruments TUSB8041-Q1 Datasheet HTML 7Page - Texas Instruments TUSB8041-Q1 Datasheet HTML 8Page - Texas Instruments TUSB8041-Q1 Datasheet HTML 9Page - Texas Instruments TUSB8041-Q1 Datasheet HTML 10Page - Texas Instruments TUSB8041-Q1 Datasheet HTML 11Page - Texas Instruments TUSB8041-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
TUSB8041-Q1
SLLSEE6B – JULY 2014 – REVISED JANUARY 2016
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Ganged operation enable/SMBus Address bit 2/HS Connection Status Upstream Port.
The value of the pin is sampled at the de-assertion of reset to set the power switch and over
current detection mode as follows:
0 = Individual power control supported when power switching is enabled
1 = Power control gangs supported when power switching is enabled
GANGED/SMBA2/
10
I/O, PD
When SMBus mode is enabled using SMBUSz, this pin sets the value of the SMBus slave
HS_UP
address bit 2.
After reset, this signal indicates the High-speed USB connection status of the upstream port if
enabled through the Additional Feature Configuration register. When enabled a value of 1
indicates the upstream port is connected to a High-speed USB capable port.
Note: Individual power control must be enabled for battery charging applications.
Automatic Charge Mode Enable/HS Suspend Status.
The value of the pin is sampled at the de-assertion of reset to determine if automatic mode is
enabled as follows:
0 = Automatic Mode is enabled on ports that are enabled for battery charging when the
hub is unconnected. Please note that CDP is not supported on Port 1 when operating in
AUTOENz/
Automatic mode.
13
I/O, PU
HS_SUSPEND
1 = Automatic Mode is disabled
This value is also used to set the autoEnz bit in the Battery Charging Support Register.
After reset, this signal indicates the High-speed USB Suspend status of the upstream port if
enabled through the Additional Feature Configuration register. When enabled a value of 1
indicates the connection is suspended.
TEST
17
I, PD
This pin is reserved for factory test.
Power and Ground Signals
19, 25,
37, 45
VDD
PWR
1.1-V power rail
53, 60,
63
2, 20,
VDD33
PWR
3.3-V power rail
31, 48
THERM
VSS
PWR
Ground. Thermal pad must be connected to ground.
AL PAD
NC
28, 40
No connect, leave floating
8
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated


Similar Part No. - TUSB8041-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8041ARGCR TI1-TUSB8041ARGCR Datasheet
2Mb / 57P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8041ARGCT TI1-TUSB8041ARGCT Datasheet
2Mb / 57P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8041IRGCR TI1-TUSB8041IRGCR Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
More results

Similar Description - TUSB8041-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8020B-Q1 TI1-TUSB8020B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
[Old version datasheet]   USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com