Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPUJ Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPUJ
Description  2mm-travel Horizontal Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPUJ Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPUJ_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPUJ_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPUJ_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPUJ_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
113
113
List of Varieties
Push Switches
Series
Horizontal
SPPJ3
SPPJ2
SPUJ※
SPUN
SPUN medium current※
Photo
Dimensions
(mm)
W
5 or 6.6
7.2
7.5
10
D
12
15.2
22.7
24
36
H
8.3
9.6
8.8
13
Travel(mm)
2.5
2
2.5
Total travel(mm)
3.5
3
3.5
Number of poles
1
2
2
2
4
Operating
temperature range
−40℃ to +85℃
−10℃ to +60℃
Automotive use
Life cycle
Rating(max.)
(Resistive load)
0.2A 30V DC
0.1A 30V DC
1A 25V DC
Rating(min.)
(Resistive load)
50μA 3V DC
1A 25V DC
Durability
Operating life
without load
10,000 cycles 40mΩ max.
30,000 cycles
40mΩ max.
10,000 cycles
40mΩ max.
Operating life with load
(at max. rated load)
10,000 cycles 40mΩ max.
5,000 cycles
40mΩ max.
Electrical
performance
Initial contact
resistance
20mΩ max.
Insulation
resistance
100MΩ min. 500V DC
Voltage proof
500V AC for 1minute
Mechanical
performance
Terminal
strength
5N for 1minute
Actuator
strength
Operating
direction
50N
30N
50N
Pulling
direction
50N
Environmental
performance
Cold
−40℃ 96h
−20℃ 96h
Dry heat
85℃ 96h
Damp heat
40℃, 90 to 95%RH 96h
Page
116
118
120
122
Push Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 138
Push Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 139
Notes
1. ※ The operating temperature range for automotive applications can be raised upon request. Please contact us for details.
2. Indicates applicability to all products in the series.


Similar Part No. - SPUJ_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPUJ190900 ALPS-SPUJ190900 Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPUJ191000 ALPS-SPUJ191000 Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPUJ191500 ALPS-SPUJ191500 Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPUJ191900 ALPS-SPUJ191900 Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPUJ193700 ALPS-SPUJ193700 Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
More results

Similar Description - SPUJ_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPUJ ALPS-SPUJ Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
   1.5/2mm-travel Medium-sized Horizontal Type
SSAA ALPS-SSAA Datasheet
279Kb / 4P
   2mm-travel Type
SPPJ2 ALPS-SPPJ2 Datasheet
262Kb / 4P
   2.5mm-travel Horizontal Type
SPPJ2 ALPS-SPPJ2_15 Datasheet
1Mb / 4P
   2.5mm-travel Horizontal Type
logo
SHINMEI ELECTRIC CO., L...
SLM-13-744B-T45 SHINMEI-SLM-13-744B-T45 Datasheet
102Kb / 3P
   2mm Travel Thin Type Slide Switch
SLM-13-750 SHINMEI-SLM-13-750 Datasheet
79Kb / 4P
   2mm Travel Thin Type Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSAB ALPS-SSAB Datasheet
261Kb / 3P
   1.9/2mm-travel, for Modulator Switching Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com