Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPW811200 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPW811200
Description  One-way Operation Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPW811200 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPW811200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPW811200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPW811200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPW811200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
29
29
One-way operation detector switch ideal for
media detection
One-way Operation Type
SPPW8
Contact us for other slider height variations.
Note
Refer to P.71 for soldering conditions.
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 30V DC / 100BA 3V DC
Contact resistance
(Initial / After operating life)
1Ω max. / 2Ω max.
Operating force
0.3N max.
Operating life
Without load
100,000cycles
With load
100,000cycles(0.1A 30V DC)
Minimumorder unit(pcs)
1,000
Product Line
Poles
1
1
Positions
SPPW812302
SPPW812300
SPPW810201
SPPW810203
SPPW811203
SPPW811200
SPPW810401
SPPW810400
Product No.
h=6.1
h=6.55
h=7.6
10.3
Slider height
(mm)
h1=5.6
h1=6.05
h1=7.1
9.8
ON start
position(mm)
h2=4.45
h2=4.85
h2=5.9
8.6
Total travel
position(mm)
1
2
1
2
1
2
3
4
Drawing No.
Terminal type
For PC board
(Reflow)
For PC board
(Dip)
For PC board
(Reflow)
For PC board
(Dip)
For PC board
(Reflow)
For PC board
(Dip)
For PC board
(Reflow)
For PC board
(Dip)
100
20,000
1,000
4,000
100
20,000
850
3,400
100
20,000
Japan
Export
4,000
Bulk
Product No.
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
SPPW812300
SPPW810203
SPPW811200
SPPW810401
SPPW810400
4,000
20,000
400×270×290
Unit:mm
Reel size
Packing Specifications
Taping
Product No.
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case /Japan 1 case /export packing
SPPW812302
SPPW810201
1,000
2,000
4,000
24
406×406×160
SPPW811203
850
1,700
3,400
ø380
25.4


Similar Part No. - SPPW811200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPW811200 ALPS-SPPW811200 Datasheet
305Kb / 4P
   One-way Operation Type
More results

Similar Description - SPPW811200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPW8 ALPS-SPPW8 Datasheet
305Kb / 4P
   One-way Operation Type
SPVC1 ALPS-SPVC1 Datasheet
152Kb / 2P
   One-way Operation Type
SPVE ALPS-SPVE Datasheet
305Kb / 4P
   Compact One-way Operation Type
SPVE ALPS-SPVE_15 Datasheet
883Kb / 4P
   Compact One-way Operation Type
SPVP ALPS-SPVP Datasheet
187Kb / 3P
   Low-profile One-way Operation Type
logo
List of Unclassifed Man...
SPVE ETC2-SPVE Datasheet
102Kb / 5P
   Compact One-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVF ALPS-SPVF Datasheet
430Kb / 4P
   Two-way Operation Type
logo
Panasonic Semiconductor
DN8797MS PANASONIC-DN8797MS Datasheet
197Kb / 11P
   3V operation Hall IC One-way magnetic field operation
logo
ALPS ELECTRIC CO.,LTD.
SPVM ALPS-SPVM Datasheet
323Kb / 4P
   Compact Two-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
   Compact Two-way Operation Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com