Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB33N60DM2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB33N60DM2
Description  N-channel 600 V, 0.110typ., 24 A MDmesh??DM2 Power MOSFET in D짼PAK, TO-220 and TO-247 packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB33N60DM2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB33N60DM2 Datasheet HTML 5Page - STMicroelectronics STB33N60DM2 Datasheet HTML 6Page - STMicroelectronics STB33N60DM2 Datasheet HTML 7Page - STMicroelectronics STB33N60DM2 Datasheet HTML 8Page - STMicroelectronics STB33N60DM2 Datasheet HTML 9Page - STMicroelectronics STB33N60DM2 Datasheet HTML 10Page - STMicroelectronics STB33N60DM2 Datasheet HTML 11Page - STMicroelectronics STB33N60DM2 Datasheet HTML 12Page - STMicroelectronics STB33N60DM2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STB33N60DM2, STP33N60DM2, STW33N60DM2
Test circuits
DocID026854 Rev 2
9/20
3
Test circuits
Figure 18: Test circuit for resistive load
switching times
Figure 19: Test circuit for gate charge
behavior
Figure 20: Test circuit for inductive load
switching and diode recovery times
Figure 21: Unclamped inductive load test
circuit
Figure 22: Unclamped inductive waveform
Figure 23: Switching time waveform


Similar Part No. - STB33N60DM2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB33N60DM2 ISC-STB33N60DM2 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - STB33N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
   N-channel 600 V, 0.076 廓 typ., 34 A MDmesh??M2 EP Power MOSFETs in D짼PAK, TO-220 and TO-247 packages
January 2015 Rev 1
STF32NM50N STMICROELECTRONICS-STF32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STP32NM50N STMICROELECTRONICS-STP32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
   N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
STP45N60DM6 STMICROELECTRONICS-STP45N60DM6 Datasheet
331Kb / 15P
   N-channel 600 V, 0.085 廓 typ., 30 A MDmesh DM6 Power MOSFETs in TO-220 and TO-247 packages
July 2020
STW56N60DM2 STMICROELECTRONICS-STW56N60DM2 Datasheet
405Kb / 12P
   N-channel 600 V, 0.052 廓 typ., 50 A MDmesh??DM2 Power MOSFET in a TO-247 package
June 2015 Rev 3
STF33N60DM2 STMICROELECTRONICS-STF33N60DM2 Datasheet
709Kb / 13P
   N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in TO-220FP package
July 2016
STW43N60DM2 STMICROELECTRONICS-STW43N60DM2 Datasheet
405Kb / 12P
   N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW48N60DM2 STMICROELECTRONICS-STW48N60DM2 Datasheet
723Kb / 12P
   N-channel 600 V, 0.065 廓 typ., 40 A MDmesh??DM2 Power MOSFET in a TO-247 package
October 2015 Rev 2
STB43N60DM2 STMICROELECTRONICS-STB43N60DM2 Datasheet
544Kb / 15P
   N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a D짼PAK package
July 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com