Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE145N65M5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STE145N65M5
Description  Low gate charge and input capacitance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE145N65M5 Datasheet(HTML) 5 Page - STMicroelectronics

  STE145N65M5 Datasheet HTML 1Page - STMicroelectronics STE145N65M5 Datasheet HTML 2Page - STMicroelectronics STE145N65M5 Datasheet HTML 3Page - STMicroelectronics STE145N65M5 Datasheet HTML 4Page - STMicroelectronics STE145N65M5 Datasheet HTML 5Page - STMicroelectronics STE145N65M5 Datasheet HTML 6Page - STMicroelectronics STE145N65M5 Datasheet HTML 7Page - STMicroelectronics STE145N65M5 Datasheet HTML 8Page - STMicroelectronics STE145N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STE145N65M5
Electrical characteristics
DocID025538 Rev 2
5/13
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(V)
Voltage delay time
VDD = 400 V, ID = 85 A
RG = 4.7 Ω, VGS = 10 V
(see Figure 16: "Test circuit for
inductive load switching and
diode recovery times" and
Figure 19: "Switching time
waveform")
-
255
-
ns
tr(V)
Voltage rise time
-
11
-
ns
tf(i)
Current fall time
-
82
-
ns
tC(off)
Crossing time
-
88
-
ns
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
143
A
ISDM,
(1)
Source-drain current
(pulsed)
-
572
A
VSD
(2)
Forward on voltage
VGS = 0 V, ISD = 143 A
-
1.5
V
trr
Reverse recovery time
ISD = 143 A, di/dt = 100 A/µs,
VDD = 100 V (see Figure 16:
"Test circuit for inductive load
switching and diode recovery
times")
-
568
ns
Qrr
Reverse recovery charge
-
14.5
µC
IRRM
Reverse recovery current
-
51
A
trr
Reverse recovery time
ISD = 143 A, di/dt = 100 A/µs,
VDD = 100 V, Tj = 150 °C
(see Figure 16: "Test circuit for
inductive load switching and
diode recovery times")
-
728
ns
Qrr
Reverse recovery charge
-
24.5
µC
IRRM
Reverse recovery current
-
67
A
Notes:
(1)
Pulse width is limited by safe operating area
(2)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%


Similar Part No. - STE145N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE140NF20D STMICROELECTRONICS-STE140NF20D Datasheet
597Kb / 13P
   N-channel 200 V, 10 mOmh typ., 140 A STripFET II Power MOSFET (with fast diode) in an ISOTOP package
More results

Similar Description - STE145N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
   Low input capacitance and gate charge
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com