Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB39S256400DT-8 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYB39S256400DT-8
Description  256-MBit Synchronous DRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39S256400DT-8 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYB39S256400DT-8 Datasheet HTML 2Page - Infineon Technologies AG HYB39S256400DT-8 Datasheet HTML 3Page - Infineon Technologies AG HYB39S256400DT-8 Datasheet HTML 4Page - Infineon Technologies AG HYB39S256400DT-8 Datasheet HTML 5Page - Infineon Technologies AG HYB39S256400DT-8 Datasheet HTML 6Page - Infineon Technologies AG HYB39S256400DT-8 Datasheet HTML 7Page - Infineon Technologies AG HYB39S256400DT-8 Datasheet HTML 8Page - Infineon Technologies AG HYB39S256400DT-8 Datasheet HTML 9Page - Infineon Technologies AG HYB39S256400DT-8 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
HYB39S256[40/80/16]0D[C/T](L)
256-MBit Synchronous DRAM
Overview
Data Sheet
6
Rev. 1.02, 2004-02
10072003-13LE-FGQQ
1Overview
1.1
Features
Fully Synchronous to Positive Clock Edge
0 to 70
°C operating temperature
Four Banks controlled by BA0 & BA1
Programmable CAS Latency: 2 & 3
Programmable Wrap Sequence: Sequential or Interleave
Programmable Burst Length: 1, 2, 4, 8 and full page
Multiple Burst Read with Single Write Operation
Automatic and Controlled Precharge Command
Data Mask for Read / Write control (x4, x8)
Data Mask for byte control (x16)
Auto Refresh (CBR) and Self Refresh
Power Down and Clock Suspend Mode
8192 refresh cycles / 64 ms (7,8
µs)
Random Column Address every CLK (1-N Rule)
Single 3.3 V ± 0.3 V Power Supply
LVTTL Interface versions
Plastic Packages: P–TSOPII–54 400mil width (x4, x8, x16)
Chipsize Packages: P–TFBGA–54 (12 mm x 8 mm)
1.2
Description
The HYB39S256[40/80/16]0D[C/T](L) are four bank Synchronous DRAM’s organized as 4 banks x 16 MBit x4,
4 banks x 8 MBit x8 and 4 banks x 4 Mbit x16 respectively. These synchronous devices achieve high speed data
transfer rates for CAS-latencies by employing a chip architecture that prefetches multiple bits and then
synchronizes the output data to a system clock. The chip is fabricated with INFINEON’s advanced 0.14
µm
256-MBit DRAM process technology.
The device is designed to comply with all industry standards set for synchronous DRAM products, both electrically
and mechanically. All of the control, address, data input and output circuits are synchronized with the positive edge
of an externally supplied clock.
Operating the four memory banks in an interleave fashion allows random access operation to occur at a higher
rate than is possible with standard DRAMs. A sequential and gapless data rate is possible depending on burst
length, CAS latency and speed grade of the device.
Auto Refresh (CBR) and Self Refresh operation are supported. These devices operate with a single 3.3 V ± 0.3 V
power supply. All 256-Mbit components are available in P–TSOPII–54 and P–TFBGA–54 packages.
Table 1
Performance
Part Number Speed Code
–6–7-7.5
–8Unit
Speed Grade
PC166 3–3–3
PC133 2–2–2
PC133 3–3–3
PC100 2–2–2
max. Clock Frequency
@CL3
f
CK3
166
143
133
125
MHz
t
CK3
677.5
8ns
t
AC3
5
5.4
5.4
6
ns
@CL2
t
CK2
7.5
7.5
10
10
ns
t
AC2
5.4
5.4
6
6
ns


Similar Part No. - HYB39S256400DT-8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S256400DT-8 INFINEON-HYB39S256400DT-8 Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
More results

Similar Description - HYB39S256400DT-8

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
   256 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S256400DT INFINEON-HYB39S256400DT Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L256160AC INFINEON-HYB39L256160AC Datasheet
632Kb / 48P
   256 MBit Synchronous Low-Power DRAM
2002-12-20
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com