Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPVQ380300 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ380300
Description  Water-proof Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ380300 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ380300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ380300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQ380300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVQ380300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVQ380300 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPVQ380300 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPVQ380300 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
50
50
SPVQ3
Long travel type applicable to oblique pressing
without an actuator
Water-proof Type
Product Line
Typical Specifications
Items
Specifications
Normal type
Longlife type
Rating(max.)/(min.)
(Resistive load)
0.1A 12V DC
50μA 5V DC
0.3A 16V DC
1mA 5V DC
Contact resistance
(Initial / After operating life)
500mΩ max. / 1Ω max.
Operating force
Push type 1±0.5N
Actuator type 3N max.
Operating life
Without load
300,000cycles
1,200,000cycles
With load
300,000cycles
(0.1A 12V DC)
1,200,000cycles(0.1A 16V DC)
300,000cycles(0.3A 16V DC)
Poles
1
Changeover timing
Non shorting
Operating
life
Positions Operating
part shape
Terminal
type
Product No.(Main body form)
Minimumo rder unit(pcs) Packing
specification
type
Drawing
No.
Normal
Boss - right side Boss - left side Boss - both sides With a screw hole Japan Export
300,000
cycles
2
Push
For PC board
SPVQ380400 SPVQ380300 SPVQ380201 SPVQ380100
1,300 5,200
A
1
For Lead
SPVQ380700 SPVQ380600 SPVQ380500
2
Right angle
SPVQ380900
3
 Left angle
SPVQ380800
4
With wire
(Downwards)
SPVQ361000
400 1,600
B
5
SPVQ361100SPVQ361200SPVQ361300
6
1
With wire
(Right side)
SPVQ361400
7
SPVQ361500SPVQ361600SPVQ361700
8
With wire
(Left side)
SPVQ361800SPVQ361900SPVQ362000
9
2
Actuator
A
For PC board
SPVQ370400 SPVQ370300 SPVQ370200 SPVQ370100
1,300 5,200
A
1
For Lead
SPVQ370700 SPVQ370600 SPVQ370500
2
Right angle
SPVQ370900
3
Left angle
SPVQ370800
4
With wire
(Downwards)
SPVQ350100
180
720
D
5
SPVQ350200SPVQ350300SPVQ350400
6
1
With wire
(Right side)
SPVQ350600SPVQ350700SPVQ350800
168
672
C
8
With wire
(Left side)
SPVQ350900SPVQ351000SPVQ351100
9
2
Actuator
B
For PC board
SPVQ371300 SPVQ371200 SPVQ371100 SPVQ371000
1,300 5,200
A
1
For Lead
SPVQ371600 SPVQ371500 SPVQ371400
2
Right angle
SPVQ371800
3
Left angle
SPVQ371700
4
With wire
(Downwards)
SPVQ351200
180
720
D
5
SPVQ351300SPVQ351400SPVQ351500
6
1
With wire
(Right side)
SPVQ351700SPVQ351800SPVQ351900
168
672
C
8
With wire
(Left side)
SPVQ352000SPVQ352100SPVQ352200
9


Similar Part No. - SPVQ380300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ380300 ALPS-SPVQ380300 Datasheet
375Kb / 7P
   Water-proof Type
More results

Similar Description - SPVQ380300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
   Water-proof Type
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
   Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
   Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
   Water-proof Type
SPVQ9 ALPS-SPVQ9 Datasheet
828Kb / 3P
   Water-proof Type
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
   Water-proof Type
SPVQ4H ALPS-SPVQ4H Datasheet
897Kb / 3P
   Water-proof Type
SPVQ8 ALPS-SPVQ8 Datasheet
1Mb / 7P
   Water-proof Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com