Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP256 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MP256
Description  PRESS-FIT MOTOLOLA DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MP256 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  MP256 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MP256 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING ANDCHARACTERISTIC CURVES MP2505 THRU MP256
FIG. 1 –最大正向平均电流降额
FIG. 1 –MAXIMUM AVERAGE FORWARD CURRENT
DERATING
FIG. 2 –最大非重复正向浪涌电流
FIG. 2 –MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG. 3 –反向特性曲线(典型)
FIG. 3 – TYPICA
REVERSE
CHARACTERISTICS
FIG. 4–正向特性曲线(典型)
FIG.4 – TYPICA
FORWARD
CHARACTERISTICS
FIG.5–结电容特性曲线
FIG.5–TYPICAL JUNCTION CAPACITANCE
www.shunyegroup.com.cn


Similar Part No. - MP256

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP256 RECTRON-MP256 Datasheet
28Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
39Kb / 2P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP256 GWSEMI-MP256 Datasheet
74Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
158Kb / 3P
   25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP2560 MPS-MP2560 Datasheet
509Kb / 19P
   2.5A, 4MHz, 42V Step-Down Converter
More results

Similar Description - MP256

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
MPZ3524 SHUNYE-MPZ3524 Datasheet
279Kb / 2P
   PRESS-FIT MOTOLOLA DIODES
MP5005 SHUNYE-MP5005 Datasheet
221Kb / 2P
   PRESS-FIT MOTOLOLA DIODES
MP3505 SHUNYE-MP3505 Datasheet
198Kb / 2P
   PRESS-FIT MOTOLOLA DIODES
MPZ5024 SHUNYE-MPZ5024 Datasheet
226Kb / 2P
   PRESS-FIT MOTOLOLA DIODES
logo
AEGIS SEMICONDUTORES LT...
A6A:30.01 AEGIS-A6A:30.01 Datasheet
381Kb / 4P
   Press-Fit Diodes
A6A:50.01 AEGIS-A6A:50.01 Datasheet
408Kb / 4P
   Press-Fit Diodes
A6A:35.04 AEGIS-A6A:35.04 Datasheet
361Kb / 4P
   Press-Fit Diodes
logo
Semikron International
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
   Silicon Press-Fit-Diodes
BYP25A05 SEMIKRON-BYP25A05_06 Datasheet
299Kb / 2P
   Silicon Press-Fit-Diodes
logo
Galaxy Semi-Conductor H...
ZQ50A2L3 BILIN-ZQ50A2L3 Datasheet
125Kb / 2P
   SILICON PRESS-FIT DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com