Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYR163240G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # HYR163240G
Description  Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYR163240G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button HYR163240G Datasheet HTML 3Page - Infineon Technologies AG HYR163240G Datasheet HTML 4Page - Infineon Technologies AG HYR163240G Datasheet HTML 5Page - Infineon Technologies AG HYR163240G Datasheet HTML 6Page - Infineon Technologies AG HYR163240G Datasheet HTML 7Page - Infineon Technologies AG HYR163240G Datasheet HTML 8Page - Infineon Technologies AG HYR163240G Datasheet HTML 9Page - Infineon Technologies AG HYR163240G Datasheet HTML 10Page - Infineon Technologies AG HYR163240G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
HYR16xx40G / HYR18xx40G
Rambus RIMM Modules
INFINEON Technologies
7
7.01
RDQB8 …
RDQB0
B61, A61, B63, A63, B65,
A65, B67, A67, B69
I/O
RSL
Data bus B. A 9-bit bus carrying a
byte of read or write data between
the Channel and the RDRAM.
RDQB8 is non-functional on
modules with x16 RDRAM devices.
RROW2 …
RROW0
B77, A75, B75
I
RSL
Row bus. 3-bit bus containing
control and address information for
row accesses.
RSCK
A59
I
V
CMOS
Serial Clock input. Clock source
used to read from and write to the
RDRAM control registers.
SA0
B53
I
SVDD
Serial Presence Detect Address 0.
SA1
B55
I
SVDD
Serial Presence Detect Address 1.
SA2
B57
I
SVDD
Serial Presence Detect Address 2.
SCL
A53
I
SVDD
Serial Presence Detect Clock.
SDA
A55
I/O
SVDD
Serial Presence Detect Data (Open
Collector I/O).
SIN
B36
I/O
V
CMOS
Serial I/O for reading from and
writing to the control registers.
Attaches to SIO0 of the first RDRAM
on the module.
SOUT
A36
I/O
V
CMOS
Serial I/O for reading from and
writing to the control registers.
Attaches to SIO1 of the last RDRAM
on the module.
SVDD
A56, B56
––
SPD Voltage. Used for signals SCL,
SDA, SWE, SA0, SA1 and SA2.
SWP
A57
I
SVDD
Serial Presence Detect Write
Protect (active high). When low, the
SPD can be written as well as read.
V
CMOS
A35, B35, A37, B37
––
CMOS I/O Voltage. Used for signals
CMD, SCK, SIN, SOUT.
V
DD
A41, A42, A54, A58, B41,
B42, B54, B58
––
Supply voltage for the RDRAM core
and interface logic.
V
REF
A51, B51
––
Logic threshold reference voltage
for RSL signals.
Module Connector Pad Description (cont’d)
Signal
Module Connector Pads
I/O
Type
Description


Similar Part No. - HYR163240G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYR163249G INFINEON-HYR163249G Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR163249G-653 INFINEON-HYR163249G-653 Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR163249G-840 INFINEON-HYR163249G-840 Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
More results

Similar Description - HYR163240G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYR163249G INFINEON-HYR163249G Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR166420G-845 INFINEON-HYR166420G-845 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
logo
Elpida Memory
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com