Electronic Components Datasheet Search |
|
SPVQ820600 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD. |
|
SPVQ820600 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD. |
1 / 7 page 60 60 SPVQ8 Industry's smallest size, with main unit dimensions of 8.3×5.3×7mm Water-proof Type 18 Product Line ■ Typical Specifications Items Specifications Rating(max.)/(min.) (Resistive load) 0.1A 12V DC / 50μA 5V DC Contact resistance (Initial / After operating life) 500mΩ max. / 1Ω max.(Standard type) 500mΩ max. / 3Ω max.(Long-life type) Operating force 1±0.5N Operating life Without load 300,000cycles(Standard type) 1,000,000cycles(Long-life type) With load 300,000cycles(Standard type) 1,000,000cycles(Long-life type) For Lead With wire(Downwards) With wire(Downwards) With wire(Left side) With wire (from side) With wire(Downwards) With wire(Downwards) With wire(Left side) With wire (from side) Boss-both sides For PC board Angle For PC board For Lead Terminal type N.O. Circuit Drawing No. Minimum order unit(pcs) Packing specifications type Japan Export 1,755 400 7,020 1,600 A B Poles 1 1 Positions Main body form Boss-both sides Boss-single side Without boss Boss-single side Boss-both sides Boss-single side Boss-single side Boss-both sides For PC board Press fit Press fit Angle For PC board N.C. N.O. N.C. 11 14 7 12 1 2 3 4 5 6 7 8 1 13 9 14 3 15 4 16 10 17 Boss-single side Without boss Boss-single side Boss-single side Boss-both sides Boss-single side Boss-both sides Boss-single side Boss-both sides Boss-single side Boss-both sides SPVQ820700 SPVQ860200※ - - SPVQ820800 SPVQ860300※ SPVQ821000 SPVQ860500※ - - - - Product No. Standard type Long-life type SPVQ810100 SPVQ630100 SPVQ810400 SPVQ810500 SPVQ810600 SPVQ810300 SPVQ830100 SPVQ630100 SPVQ830400 SPVQ830500 SPVQ830600 SPVQ810700 SPVQ830700 SPVQ810800 SPVQ811000 SPVQ830800 SPVQ831000 SPVQ830300 SPVQ820100 SPVQ850100※ SPVQ630100 SPVQ630100 SPVQ820400 SPVQ850300※ SPVQ820500 SPVQ850500※ SPVQ820600 SPVQ860100※ SPVQ820300 SPVQ850200※ - - SPVQ630100 SPVQ630100 - - - - - - - - 1. ※ Products with a wire will be supplied as follows. ・Unless specified, the length of the lead wire is 250mm. Color is either red, black or yellow. Please consult us for length modification. ・Please specify circuits(N.O. or N.C.)for wired(side)types. Unless specified, the circuit will apply N.O. ・Product with wire will be build-to-order. 2. This unit cannot be used in water (IP67 rating, except for terminal). Notes Refer to P.71 for soldering conditions. 16 Packing Specifications Tray Bulk Packing specifications type Number of packages(pcs.) Export package measurements(mm) 1 case /Japan 1 case /export packing A 1,755 7,020 540×360×270 Packing specifications type Number of packages(pcs.) Export package measurements(mm) 1 case /Japan 1 case /export packing B 400 1,600 555×375×223 |
Similar Part No. - SPVQ820600 |
|
Similar Description - SPVQ820600 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |