Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP15M65DF2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGP15M65DF2
Description  Trench gate field-stop IGBT M series, 650 V, 15 A low loss
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP15M65DF2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGP15M65DF2 Datasheet HTML 7Page - STMicroelectronics STGP15M65DF2 Datasheet HTML 8Page - STMicroelectronics STGP15M65DF2 Datasheet HTML 9Page - STMicroelectronics STGP15M65DF2 Datasheet HTML 10Page - STMicroelectronics STGP15M65DF2 Datasheet HTML 11Page - STMicroelectronics STGP15M65DF2 Datasheet HTML 12Page - STMicroelectronics STGP15M65DF2 Datasheet HTML 13Page - STMicroelectronics STGP15M65DF2 Datasheet HTML 14Page - STMicroelectronics STGP15M65DF2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STGP15M65DF2
Electrical characteristics
DocID028489 Rev 2
11/17
Figure 28: Thermal impedance for diode


Similar Part No. - STGP15M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP15M120F3 STMICROELECTRONICS-STGP15M120F3 Datasheet
429Kb / 15P
   Trench gate field-stop, 1200 V, 15 A, low-loss M series IGBT in a TO-220 package
August 2018 Rev 3
More results

Similar Description - STGP15M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
   Trench gate field-stop IGBT M series, 650 V 15 A low loss
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT M series, 650 V, 15 A low loss
November 2015 Rev 2
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
   Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
DS11374 - Rev 3 - October 2018
STGW75M65DF2 STMICROELECTRONICS-STGW75M65DF2 Datasheet
1,005Kb / 17P
   Trench gate field-stop IGBT, M series 650 V, 75 A low loss
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
   Trench gate field-stop IGBT, M series 650 V, 120 A low loss
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
   Trench gate field-stop IGBT, M series 650 V, 4 A low loss
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
   Trench gate field-stop IGBT, M series 650 V, 50 A low loss
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 650 V, 4 A low loss
STGB4M65DF2 STMICROELECTRONICS-STGB4M65DF2 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 650 V, 4 A low loss
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2_V01 Datasheet
448Kb / 20P
   Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
Rev 5 - December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com