Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB39S128800CT-7.5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # HYB39S128800CT-7.5
Description  128-MBit Synchronous DRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39S128800CT-7.5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button HYB39S128800CT-7.5 Datasheet HTML 3Page - Infineon Technologies AG HYB39S128800CT-7.5 Datasheet HTML 4Page - Infineon Technologies AG HYB39S128800CT-7.5 Datasheet HTML 5Page - Infineon Technologies AG HYB39S128800CT-7.5 Datasheet HTML 6Page - Infineon Technologies AG HYB39S128800CT-7.5 Datasheet HTML 7Page - Infineon Technologies AG HYB39S128800CT-7.5 Datasheet HTML 8Page - Infineon Technologies AG HYB39S128800CT-7.5 Datasheet HTML 9Page - Infineon Technologies AG HYB39S128800CT-7.5 Datasheet HTML 10Page - Infineon Technologies AG HYB39S128800CT-7.5 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
HYB 39S128400/800/160CT(L)
128-MBit Synchronous DRAM
INFINEON Technologies
7
9.01
Signal Pin Description
Pin
Type
Signal Polarity Function
CLK
Input
Pulse
Positive
Edge
The system clock input. All of the SDRAM inputs are
sampled on the rising edge of the clock.
CKE
Input
Level
Active
High
Activates the CLK signal when high and deactivates the
CLK signal when low, thereby initiating either the Power
Down mode, Suspend mode, or the Self Refresh mode.
CS
Input
Pulse
Active
Low
CS enables the command decoder when low and disables
the command decoder when high. When the command
decoder is disabled, new commands are ignored but
previous operations continue.
RAS
CAS
WE
Input
Pulse
Active
Low
When sampled at the positive rising edge of the clock,
CAS, RAS, and WE define the command to be executed by
the SDRAM.
A0 - A11
Input
Level
During a Bank Activate command cycle, A0 - A11 define
the row address (RA0 - RA11) when sampled at the rising
clock edge.
During a Read or Write command cycle, A0-An define the
column address (CA0 - CAn) when sampled at the rising
clock edge.CAn depends upon the SDRAM organization:
32M x4 SDRAM CA0 - CA9, CA11
(Page Length = 2048 bits)
16M x8 SDRAM CA0 - CA9
(Page Length = 1024 bits)
8M x16 SDRAM CA0 = CA8
(Page Length = 512 bits)
In addition to the column address, A10(= AP) is used to
invoke the autoprecharge operation at the end of the burst
read or write cycle. If A10 is high, autoprecharge is
selected and BA0, BA1 defines the bank to be precharged.
If A10 is low, autoprecharge is disabled.
During a Precharge command cycle, A10 (= AP) is used in
conjunction with BA0 and BA1 to control which bank(s) to
precharge. If A10 is high, all four banks will be precharged
regardless of the state of BA0 and BA1. If A10 is low, then
BA0 and BA1 are used to define which bank to precharge.
BA0, BA1 Input
Level
Bank Select Inputs. Selects which bank is to be active.
DQx
Input
Output
Level
Data Input/Output pins operate in the same manner as on
conventional DRAMs.


Similar Part No. - HYB39S128800CT-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39S128800FE-7 QIMONDA-HYB39S128800FE-7 Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
HYB39S128800FEL-7 QIMONDA-HYB39S128800FEL-7 Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
HYB39S128800FT-7 QIMONDA-HYB39S128800FT-7 Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
HYB39S128800FTL-7 QIMONDA-HYB39S128800FTL-7 Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128800TC-3 INFINEON-HYB39S128800TC-3 Datasheet
2Mb / 28P
   MEMORY SPECTRUM
2004
More results

Similar Description - HYB39S128800CT-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
HYB39SC128800FE QIMONDA-HYB39SC128800FE Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L128160AC INFINEON-HYB39L128160AC Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
logo
Integrated Silicon Solu...
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB25L128160AC INFINEON-HYB25L128160AC Datasheet
980Kb / 50P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM IN CHIPSIZE PACKAGES
2003-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com