Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64D32020GU-7-A Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYS64D32020GU-7-A
Description  Unbuffered DDR SDRAM-Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D32020GU-7-A Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYS64D32020GU-7-A Datasheet HTML 2Page - Infineon Technologies AG HYS64D32020GU-7-A Datasheet HTML 3Page - Infineon Technologies AG HYS64D32020GU-7-A Datasheet HTML 4Page - Infineon Technologies AG HYS64D32020GU-7-A Datasheet HTML 5Page - Infineon Technologies AG HYS64D32020GU-7-A Datasheet HTML 6Page - Infineon Technologies AG HYS64D32020GU-7-A Datasheet HTML 7Page - Infineon Technologies AG HYS64D32020GU-7-A Datasheet HTML 8Page - Infineon Technologies AG HYS64D32020GU-7-A Datasheet HTML 9Page - Infineon Technologies AG HYS64D32020GU-7-A Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
HYS[64/72]D[16000/32020]GU-[7/8]-A
Unbuffered DDR SDRAM-Modules
Overview
Data Sheet
6
Rev. 1.03, 2004-01
10292003-WLD7-IJ5Z
1
Overview
1.1
Features
184-pin Unbuffered 8-Byte Dual-In-Line DDR SDRAM non-parity and ECC-Modules for PC and Server main
memory applications
One rank 16M x 64, 16M x 72 and two rank 32M x 64, 32M
× 72 organization
JEDEC standard Double Data Rate Synchronous DRAMs (DDR SDRAM) Single + 2.5 V (
± 0.2 V) power
supply
Built with 128 Mb DDR SDRAMs organised as 16Mb x 8 in 66-Lead TSOPII package
Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave)
Auto Refresh (CBR) and Self Refresh
All inputs and outputs SSTL_2 compatible
Serial Presence Detect with E
2PROM
JEDEC standard MO-206 form factor:
133.35 mm
× 31.75 mm × 4.00 mm max.
JEDEC standard reference layout
Gold plated contacts
Table 1
Performance -8/-7
1.2
Description
The HYS64/72D16000GU and HYS64/72D32020GU are industry standard 184-pin 8-byte Dual in-line Memory
Modules (DIMMs) organized as 16M x 64 and 32M
× 64 for non-parity and 16M x 72 and 32M x 72 for ECC main
memory applications. The memory array is designed with 128Mbit Double Data Rate Synchronous DRAMs. A
variety of decoupling capacitors are mounted on the PC board. The DIMMs feature serial presence detect based
on a serial E
2PROM device using the 2-pin I2C protocol. The first 128 bytes are programmed with configuration
data and the second 128 bytes are available to the customer.
Part Number Speed Code
–7
–8Unit
Speed Grade
Component
DDR266A
DDR200
Module
PC2100-2033
PC1600-2022
max. Clock Frequency
@CL2.5
f
CK2.5
143
125
MHz
@CL2
f
CK2
133
100
MHz


Similar Part No. - HYS64D32020GU-7-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D32020GDL-5-B INFINEON-HYS64D32020GDL-5-B Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D32020GDL-5-C INFINEON-HYS64D32020GDL-5-C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
logo
Qimonda AG
HYS64D32020GDL-5-C QIMONDA-HYS64D32020GDL-5-C Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D32020GDL-6-B INFINEON-HYS64D32020GDL-6-B Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
More results

Similar Description - HYS64D32020GU-7-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16020GD INFINEON-HYS64D16020GD Datasheet
963Kb / 22P
   Unbuffered DDR SDRAM SO Modules
Rev. 1.02, Jan. 2004
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
MT16VDDT6464AG MICRON-MT16VDDT6464AG Datasheet
875Kb / 35P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com