Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64D16301GU Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # HYS64D16301GU
Description  184-Pin Unbuffered Dual-In-Line Memory Modules
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D16301GU Datasheet(HTML) 4 Page - Infineon Technologies AG

  HYS64D16301GU Datasheet HTML 1Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 2Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 3Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 4Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 5Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 6Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 7Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 8Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
Template: mp_a4_v2.0_2003-06-06.fm
HYS[64/72]D64x20GU-x-B, HYS[64/72]D32x00[G/E]U-x-B, HYS64D16301GU-x-B
Revision History:
V1.1
2003-07
Previous Version:
V1.01
2003-01
Page
Subjects (major changes since last revision)
all
new data sheet template
all
replace bank by rank if DIMM related (4 bank SDRAM on 1 or 2 rank DIMM)
10
Table 6: Address Table updated
19ff
Table 10ff: IDD conditions now in seperate table
20ff
Table 11ff: added part numbers to IDD tables
24f
Table 15: split in two tables (now 15 & 16)
26f
Table 16: add –5 (DDR400)
29ff
Chapter 4: added part numbers to SPD tables
41ff
Table 21: set Bytes 47-55 to not used (00hex); set byte 62 to SPD rev. 0.0 (00hex); update
Checksum (TPCR)
8Table 4: Changed RAS/CAS/WE description to command inputs and amended CLK to CK
9Table 5: Changed CLK to CK
44ff
Figure 7 - Figure 13 Amended and updated package outline drawings
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
techdoc.mp@infineon.com


Similar Part No. - HYS64D16301GU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16301GU-5-C INFINEON-HYS64D16301GU-5-C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
HYS64D16301GU-6-C INFINEON-HYS64D16301GU-6-C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
HYS64D16301GU5C INFINEON-HYS64D16301GU5C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
More results

Similar Description - HYS64D16301GU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16301HU-5-C INFINEON-HYS64D16301HU-5-C Datasheet
937Kb / 35P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.0, July 2003
HYS64D64300GU INFINEON-HYS64D64300GU Datasheet
1Mb / 40P
   184-Pin Unbuffered Dual-In-Line Memory Modules
Rev. 1.0, May. 2004
HYS64D128320GU-6-A INFINEON-HYS64D128320GU-6-A Datasheet
302Kb / 18P
   2.5 V 184-pin Unbuffered DDR-I SDRAM Modules
2002-09-10 (rev.0.81)
logo
List of Unclassifed Man...
NT256D64S88B1G ETC1-NT256D64S88B1G Datasheet
358Kb / 28P
   184 pin Unbuffered DDR DIMM
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GDL INFINEON-HYS64D64020GDL Datasheet
780Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com