Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB25D256800BTL-5 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # HYB25D256800BTL-5
Description  256 Mbit Double Data Rate SDRAM
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25D256800BTL-5 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button HYB25D256800BTL-5 Datasheet HTML 7Page - Infineon Technologies AG HYB25D256800BTL-5 Datasheet HTML 8Page - Infineon Technologies AG HYB25D256800BTL-5 Datasheet HTML 9Page - Infineon Technologies AG HYB25D256800BTL-5 Datasheet HTML 10Page - Infineon Technologies AG HYB25D256800BTL-5 Datasheet HTML 11Page - Infineon Technologies AG HYB25D256800BTL-5 Datasheet HTML 12Page - Infineon Technologies AG HYB25D256800BTL-5 Datasheet HTML 13Page - Infineon Technologies AG HYB25D256800BTL-5 Datasheet HTML 14Page - Infineon Technologies AG HYB25D256800BTL-5 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
HYB25D256[400/800/160]B[T/C](L)
256-Mbit Double Data Rate SDRAM
Pin Configuration
Data Sheet
11
Rev. 1.2, 2004-02
02102004-TSR1-4ZWW
Table 3
Input/Output Functional Description
Symbol
Type
Function
CK, CK
Input
Clock: CK and CK are differential clock inputs. All address and control input
signals are sampled on the crossing of the positive edge of CK and negative
edge of CK. Output (read) data is referenced to the crossings of CK and CK
(both directions of crossing).
CKE
Input
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock
signals and device input buffers and output drivers. Taking CKE Low provides
Precharge Power-Down and Self Refresh operation (all banks idle), or Active
Power-Down (row Active in any bank). CKE is synchronous for power down
entry and exit, and for self refresh entry. CKE is asynchronous for self refresh
exit. CKE must be maintained high throughout read and write accesses. Input
buffers, excluding CK, CK and CKE are disabled during power-down. Input
buffers, excluding CKE, are disabled during self refresh.
CS
Input
Chip Select: All commands are masked when CS is registered HIGH. CS
provides for external bank selection on systems with multiple banks. CS is
considered part of the command code. The standard pinout includes one CS
pin.
RAS, CAS, WE Input
Command Inputs: RAS, CAS and WE (along with CS) define the command
being entered.
DM
Input
Input Data Mask: DM is an input mask signal for write data. Input data is
masked when DM is sampled HIGH coincident with that input data during a
Write access. DM is sampled on both edges of DQS. Although DM pins are
input only, the DM loading matches the DQ and DQS loading.
BA0, BA1
Input
Bank Address Inputs: BA0 and BA1 define to which bank an Active, Read,
Write or Precharge command is being applied. BA0 and BA1 also determines
if the mode register or extended mode register is to be accessed during a
MRS or EMRS cycle.
A0 – A12
Input
Address Inputs: Provide the row address for Active commands, and the
column address and Auto Precharge bit for Read/Write commands, to select
one location out of the memory array in the respective bank. A10 is sampled
during a Precharge command to determine whether the Precharge applies to
one bank (A10 LOW) or all banks (A10 HIGH). If only one bank is to be
precharged, the bank is selected by BA0, BA1. The address inputs also
provide the op-code during a Mode Register Set command.
DQ
Input/Output
Data Input/Output: Data bus.
DQS
Input/Output
Data Strobe: Output with read data, input with write data. Edge-aligned with
read data, centered in write data. Used to capture write data.
NC
No Connect: No internal electrical connection is present.
V
DDQ
Supply
DQ Power Supply: 2.5 V
± 0.2 V/ 2.6V ± 0.1V.
V
SSQ
Supply
DQ Ground
V
DD
Supply
Power Supply: 2.5 V
± 0.2 V / 2.6V ± 0.1V
V
SS
Supply
Ground
V
REF
Supply
SSTL_2 reference voltage: (V
DDQ / 2)


Similar Part No. - HYB25D256800BTL-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D256800BTL-5 INFINEON-HYB25D256800BTL-5 Datasheet
522Kb / 29P
   256MBit Double Data Rata SDRAM
2003-01-10, V0.9
HYB25D256800BTL-5A INFINEON-HYB25D256800BTL-5A Datasheet
522Kb / 29P
   256MBit Double Data Rata SDRAM
2003-01-10, V0.9
More results

Similar Description - HYB25D256800BTL-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYB18T256400BF QIMONDA-HYB18T256400BF Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256800BF QIMONDA-HYB18TC256800BF Datasheet
3Mb / 62P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF Datasheet
2Mb / 54P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF_1 Datasheet
1Mb / 55P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
logo
Infineon Technologies A...
HYB25D256400BT INFINEON-HYB25D256400BT Datasheet
2Mb / 77P
   256-Mbit Double Data Rate SDRAM, Die Rev. B
2003-01-09, V1.1
logo
Qimonda AG
HYB25DC256163CE-4 QIMONDA-HYB25DC256163CE-4 Datasheet
1Mb / 29P
   256-Mbit Double-Data-Rate SGRAM
HYB25D128160C QIMONDA-HYB25D128160C Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com