Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64D16000GDL-6-C Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # HYS64D16000GDL-6-C
Description  200-Pin Small Outline Dual-In-Line Memory Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D16000GDL-6-C Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button HYS64D16000GDL-6-C Datasheet HTML 7Page - Infineon Technologies AG HYS64D16000GDL-6-C Datasheet HTML 8Page - Infineon Technologies AG HYS64D16000GDL-6-C Datasheet HTML 9Page - Infineon Technologies AG HYS64D16000GDL-6-C Datasheet HTML 10Page - Infineon Technologies AG HYS64D16000GDL-6-C Datasheet HTML 11Page - Infineon Technologies AG HYS64D16000GDL-6-C Datasheet HTML 12Page - Infineon Technologies AG HYS64D16000GDL-6-C Datasheet HTML 13Page - Infineon Technologies AG HYS64D16000GDL-6-C Datasheet HTML 14Page - Infineon Technologies AG HYS64D16000GDL-6-C Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
11
Rev. 1.0, 2004-03
HYS64D[32020/16000][H/G]DL–[5/6]–C
Small Outline DDR SDRAM Modules
Pin Configuration
3,4,
15,
16,
27,
28,
38,
39,
40,
51,
52,
63,
64,
75,
76,
87,
88,
90,
103,
104,
125,
126,
137,
138,
149,
150,
159,
161,
162,
173,
174,
185,
186
V
SS
GND
Ground Plane
Other Pins
199
V
DDID
OOD
V
DD Identification
Note: Pin in tristate,
indicating V
DD
and V
DDQ nets
connected on
PCB
Table 3
Pin Configuration of SO-DIMM (cont’d)
Pin#
Name
Pin
Type
Buffer
Type
Function
85,
86,
97,
98,
124,
200
NC
NC
Not connected
Note: Pins not
connected on
Infineon SO
DIMMs
Table 4
Abbreviations for Pin Type
Abbreviation Description
I
Standard input-only pin. Digital levels.
O
Output. Digital levels.
I/O
I/O is a bidirectional input/output signal.
AI
Input. Analog levels.
PWR
Power
GND
Ground
NC
Not Connected (JEDEC Standard)
Table 5
Abbreviations for Buffer Type
Abbreviation Description
SSTL
Serial Stub Terminalted Logic (SSTL2)
LV-CMOS
Low Voltage CMOS
CMOS
CMOS Levels
OD
Open Drain. The corresponding pin has 2
operational states, active low and tristate,
and allows multiple devices to share as a
wire-OR.
Table 3
Pin Configuration of SO-DIMM (cont’d)
Pin#
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYS64D16000GDL-6-C

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64D16000GDL-6-C QIMONDA-HYS64D16000GDL-6-C Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
More results

Similar Description - HYS64D16000GDL-6-C

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64D32000HDL QIMONDA-HYS64D32000HDL Datasheet
902Kb / 32P
   200-Pin Small-Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GDL INFINEON-HYS64D64020GDL Datasheet
780Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D64020HBDL-5-C QIMONDA-HYS64D64020HBDL-5-C Datasheet
1Mb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D64020HBDL INFINEON-HYS64D64020HBDL Datasheet
692Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D32020 QIMONDA-HYS64D32020 Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64T32000GDL INFINEON-HYS64T32000GDL Datasheet
1Mb / 48P
   200-Pin Small Outline Dual-In-Line Memory Module
Rev. 0.91, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com