Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYR166440G-840 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # HYR166440G-840
Description  Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYR166440G-840 Datasheet(HTML) 1 Page - Infineon Technologies AG

  HYR166440G-840 Datasheet HTML 1Page - Infineon Technologies AG HYR166440G-840 Datasheet HTML 2Page - Infineon Technologies AG HYR166440G-840 Datasheet HTML 3Page - Infineon Technologies AG HYR166440G-840 Datasheet HTML 4Page - Infineon Technologies AG HYR166440G-840 Datasheet HTML 5Page - Infineon Technologies AG HYR166440G-840 Datasheet HTML 6Page - Infineon Technologies AG HYR166440G-840 Datasheet HTML 7Page - Infineon Technologies AG HYR166440G-840 Datasheet HTML 8Page - Infineon Technologies AG HYR166440G-840 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INFINEON Technologies
1
7.01
HYR16xx40G / HYR18xx40G
Rambus RIMM Modules
Direct RDRAM RIMM Modules
(with 288 Mbit RDRAMs)
Overview
The Direct Rambus
RIMMmodule is a general purpose high-performance memory subsystem
suitable for use in a broad range of applications including computer memory, personal computers,
workstations, and other applications where high bandwidth and low latency are required.
The Direct Rambus RIMM module consists of 288 Mbit Direct Rambus DRAM (Direct RDRAM™)
devices. These are extremely high-speed CMOS DRAMs organized as 16M words by 18 bits. The
use of Rambus Signaling Level (RSL) technology permits 600 MHz to 800 MHz transfer rates while
using conventional system and board design technologies. Direct RDRAM devices are capable of
sustained data transfers at 1.25 ns per two bytes (10 ns per sixteen bytes).
The RDRAM architecture enables the highest sustained bandwidth for multiple, simultaneous,
randomly addressed, memory transactions. The separate control and data buses with independent
row and column control yield over 95% bus efficiency. The RDRAM's 32-bank architecture supports
up to four simultaneous transactions per device.
Form Factor
The Rambus RIMM modules are offered in a 184-pad 1 mm edge connector pad pitch form factor
suitable for 184 contact RIMM connectors. The RIMM module is suitable for desktop and other
system applications. The next figure shows an eight device Rambus RIMM module without heat
spreader.
Features
• High speed 800, 711 & 600 MHz RDRAM
storage
• 184 edge connector pads with 1 mm pad
spacing
• Maximum module PCB size:
133.5 mm
× 31.75 mm × 1.37 mm
(5.25”
× 1.25” × 0.05”)
• Each RDRAM has 32 banks, for a total of
512, 256,128 or 64 banks on each 512/
576 MB, 256/288MB,128/144 or 64/72 MB
module respectively.
• Gold plated edge connector pad contacts
• Serial Presence Detect (SPD) support
• Operates from a 2.5 V supply (± 5%)
• Low power and powerdown self refresh
modes
• Separate Row and Column buses for higher
efficiency
Fig.1 : Rambus RIMM module
(without heat spreader)
,


Similar Part No. - HYR166440G-840

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYR166449G-653 INFINEON-HYR166449G-653 Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR166449G-845 INFINEON-HYR166449G-845 Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
More results

Similar Description - HYR166440G-840

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYR163249G INFINEON-HYR163249G Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR166420G-845 INFINEON-HYR166420G-845 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
logo
Elpida Memory
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com