Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64D64320GU-6-C Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYS64D64320GU-6-C
Description  184-Pin Unbuffered Double Data Rate SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D64320GU-6-C Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYS64D64320GU-6-C Datasheet HTML 5Page - Infineon Technologies AG HYS64D64320GU-6-C Datasheet HTML 6Page - Infineon Technologies AG HYS64D64320GU-6-C Datasheet HTML 7Page - Infineon Technologies AG HYS64D64320GU-6-C Datasheet HTML 8Page - Infineon Technologies AG HYS64D64320GU-6-C Datasheet HTML 9Page - Infineon Technologies AG HYS64D64320GU-6-C Datasheet HTML 10Page - Infineon Technologies AG HYS64D64320GU-6-C Datasheet HTML 11Page - Infineon Technologies AG HYS64D64320GU-6-C Datasheet HTML 12Page - Infineon Technologies AG HYS64D64320GU-6-C Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Data Sheet
9
Rev. 1.0, 2004-03
HYS[64/72]D[16/32/64][300/301/320][G/H]U–[5/6]–C
Unbuffered DDR SDRAM Modules
Pin Configuration
121
DQ22
I/O
SSTL
Data Bus 63:0
123
DQ23
I/O
SSTL
33
DQ24
I/O
SSTL
35
DQ25
I/O
SSTL
39
DQ26
I/O
SSTL
40
DQ27
I/O
SSTL
126
DQ28
I/O
SSTL
127
DQ29
I/O
SSTL
131
DQ30
I/O
SSTL
133
DQ31
I/O
SSTL
53
DQ32
I/O
SSTL
55
DQ33
I/O
SSTL
57
DQ34
I/O
SSTL
60
DQ35
I/O
SSTL
146
DQ36
I/O
SSTL
147
DQ37
I/O
SSTL
150
DQ38
I/O
SSTL
151
DQ39
I/O
SSTL
61
DQ40
I/O
SSTL
64
DQ41
I/O
SSTL
68
DQ42
I/O
SSTL
69
DQ43
I/O
SSTL
153
DQ44
I/O
SSTL
155
DQ45
I/O
SSTL
161
DQ46
I/O
SSTL
162
DQ47
I/O
SSTL
72
DQ48
I/O
SSTL
73
DQ49
I/O
SSTL
79
DQ50
I/O
SSTL
80
DQ51
I/O
SSTL
165
DQ52
I/O
SSTL
166
DQ53
I/O
SSTL
170
DQ54
I/O
SSTL
171
DQ55
I/O
SSTL
83
DQ56
I/O
SSTL
84
DQ57
I/O
SSTL
87
DQ58
I/O
SSTL
88
DQ59
I/O
SSTL
174
DQ60
I/O
SSTL
175
DQ61
I/O
SSTL
Table 3
Pin Configuration of UDIMM (cont’d)
Pin# Name
Pin
Type
Buffer
Type
Function
178
DQ62
I/O
SSTL
Data Bus 63:0
179
DQ63
I/O
SSTL
44
CB0
I/O
SSTL
Check Bit 0
Note: ECC type module
NC
NC
Note: Non-ECC module
45
CB1
I/O
SSTL
Check Bit 1
Note: ECC type module
NC
NC
Note: Non-ECC module
49
CB2
I/O
SSTL
Check Bit 2
Note: ECC type module
NC
NC
Note: Non-ECC module
51
CB3
I/O
SSTL
Check Bit 3
Note: ECC type module
NC
NC
Note: Non-ECC module
134
CB4
I/O
SSTL
Check Bit 4
Note: ECC type module
NC
NC
Note: Non-ECC module
135
CB5
I/O
SSTL
Check Bit 5
Note: ECC type module
NC
NC
Note: Non-ECC module
142
CB6
I/O
SSTL
Check Bit 6
Note: ECC type module
NC
NC
Note: Non-ECC module
144
CB7
I/O
SSTL
Check Bit 7
Note: ECC type module
NC
NC
Note: Non-ECC module
5
DQS0
I/O
SSTL
Data Strobe Bus 7:0
Note: See
block
diagram
for
corresponding
DQ signals
14
DQS1
I/O
SSTL
25
DQS2
I/O
SSTL
36
DQS3
I/O
SSTL
56
DQS4
I/O
SSTL
67
DQS5
I/O
SSTL
78
DQS6
I/O
SSTL
86
DQS7
I/O
SSTL
47
DQS8
I/O
SSTL
Data Strobe 8
Note: ECC type module
NC
NC
Note: Non-ECC module
Table 3
Pin Configuration of UDIMM (cont’d)
Pin# Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYS64D64320GU-6-C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D64320GU-6-B INFINEON-HYS64D64320GU-6-B Datasheet
1Mb / 51P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.1, July 2003
More results

Similar Description - HYS64D64320GU-6-C

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64D32301HU QIMONDA-HYS64D32301HU Datasheet
1Mb / 39P
   184-Pin Unbuffered Double Data Rate SDRAM
logo
Infineon Technologies A...
HYS72D256520GR INFINEON-HYS72D256520GR Datasheet
638Kb / 25P
   184 Pin Registered Double Data Rate SDRAM Modules
Rev. 1.02, Dec. 2003
logo
Qimonda AG
HYS72D64301HBR QIMONDA-HYS72D64301HBR_07 Datasheet
2Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
logo
Infineon Technologies A...
HYS72D128300GBR INFINEON-HYS72D128300GBR Datasheet
1Mb / 45P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 0.5, Dec. 2003
logo
Qimonda AG
HYS72D32300 QIMONDA-HYS72D32300 Datasheet
2Mb / 50P
   184-Pin Registered Double Data Rate SDRAM Module
logo
Infineon Technologies A...
HYS72D32300GBR INFINEON-HYS72D32300GBR Datasheet
1Mb / 38P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 1.0, Mar. 2004
HYS72D32300GBR-5-B INFINEON-HYS72D32300GBR-5-B Datasheet
843Kb / 48P
   184 - Pin Registered Double Data Rate SDRAM Modules
Rev. 1.1, Apr. 2004
logo
Qimonda AG
HYS72D64301 QIMONDA-HYS72D64301 Datasheet
2Mb / 51P
   184 - Pin Registered Double-Data-Rate SDRAM Module
HYS72D64301HBR-5-C QIMONDA-HYS72D64301HBR-5-C Datasheet
1Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com