Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64D64020HDL-6-B Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYS64D64020HDL-6-B
Description  200-Pin Small Outline Dual-In-Line Memory Modules
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D64020HDL-6-B Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYS64D64020HDL-6-B Datasheet HTML 2Page - Infineon Technologies AG HYS64D64020HDL-6-B Datasheet HTML 3Page - Infineon Technologies AG HYS64D64020HDL-6-B Datasheet HTML 4Page - Infineon Technologies AG HYS64D64020HDL-6-B Datasheet HTML 5Page - Infineon Technologies AG HYS64D64020HDL-6-B Datasheet HTML 6Page - Infineon Technologies AG HYS64D64020HDL-6-B Datasheet HTML 7Page - Infineon Technologies AG HYS64D64020HDL-6-B Datasheet HTML 8Page - Infineon Technologies AG HYS64D64020HDL-6-B Datasheet HTML 9Page - Infineon Technologies AG HYS64D64020HDL-6-B Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Data Sheet
6
Rev. 1.0, 2004-05
200-Pin Small Outline Dual-In-Line Memory Modules
SO-DIMM
HYS64D64020[H/G]DL–5–B
HYS64D64020[H/G]DL–6–B
1
Overview
1.1
Features
Non-parity 200-Pin Small Outline Dual-In-Line Memory Modules
•Two ranks 64M
× 64 organization
JEDEC standard Double Data Rate Synchronous DRAMs (DDR SDRAM)
•Single +2.5 V (
± 0.2 V) power supply and +2.6 V (± 0.1 V) for DDR400
Built with 512 Mbit DDR SDRAMs organised as
×16 in P–TSOPII–66 packages
Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave)
Auto Refresh (CBR) and Self Refresh
All inputs and outputs SSTL_2 compatible
Serial Presence Detect with E
2PROM
Jedec standard form factor: 67.60 mm
× 31.75 mm × 3.80 mm
Jedec standard reference layout Raw Cards A
DDR400 speed grade supported
Gold plated contacts
1.2
Description
The HYS64D64020[H/G]DL–5–B and HYS64D64020[H/G]DL–6–B are industry standard 200-Pin Small Outline
Dual-In-Line Memory Modules (SO-DIMMs) organized as 64M
×64. The memory array is designed with Double
Data Rate Synchronous DRAMs (DDR SDRAM). A variety of decoupling capacitors are mounted on the PC board.
The DIMMs feature serial presence detect based on a serial E
2PROM device using the 2-pin I2C protocol. The first
128 bytes are programmed with configuration data and the second 128 bytes are available to the customer.
Table 1
Performance
Part Number Speed Code
–5
–6Unit
Speed Grade
Component
DDR400B
DDR333B
Module
PC3200–3033
PC2700–2533
max. Clock
Frequency
@CL3
f
CK3
200
166
MHz
@CL2.5
f
CK2.5
166
166
MHz
@CL2
f
CK2
133
133
MHz


Similar Part No. - HYS64D64020HDL-6-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64D64020HDL-6-C QIMONDA-HYS64D64020HDL-6-C Datasheet
902Kb / 32P
   200-Pin Small-Outline Dual-In-Line Memory Modules
More results

Similar Description - HYS64D64020HDL-6-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64D32000HDL QIMONDA-HYS64D32000HDL Datasheet
902Kb / 32P
   200-Pin Small-Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
logo
Qimonda AG
HYS64D64020HBDL-5-C QIMONDA-HYS64D64020HBDL-5-C Datasheet
1Mb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
HYS64D64020HBDL INFINEON-HYS64D64020HBDL Datasheet
692Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D32020 QIMONDA-HYS64D32020 Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64T32000GDL INFINEON-HYS64T32000GDL Datasheet
1Mb / 48P
   200-Pin Small Outline Dual-In-Line Memory Module
Rev. 0.91, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com