Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64D64320GU-6-B Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # HYS64D64320GU-6-B
Description  184-Pin Unbuffered Dual-In-Line Memory Modules
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D64320GU-6-B Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button HYS64D64320GU-6-B Datasheet HTML 4Page - Infineon Technologies AG HYS64D64320GU-6-B Datasheet HTML 5Page - Infineon Technologies AG HYS64D64320GU-6-B Datasheet HTML 6Page - Infineon Technologies AG HYS64D64320GU-6-B Datasheet HTML 7Page - Infineon Technologies AG HYS64D64320GU-6-B Datasheet HTML 8Page - Infineon Technologies AG HYS64D64320GU-6-B Datasheet HTML 9Page - Infineon Technologies AG HYS64D64320GU-6-B Datasheet HTML 10Page - Infineon Technologies AG HYS64D64320GU-6-B Datasheet HTML 11Page - Infineon Technologies AG HYS64D64320GU-6-B Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
HYS[64/72]D[16x01/32x00/64x20][G/E]U-[5/6/7/8]-B
Unbuffered DDR SDRAM Modules
Pin Configuration
Data Sheet
8
V1.1, 2003-07
2
Pin Configuration
Note: S1 and CKE1 are used on two rank modules only
Table 4
Pin Definitions and Functions
Symbol
Type
1)
1) I: Input; O: Output; I/O: bidirectional In-/Output; AI: Analog Input; PWR: Power Supply; GND: Signal Ground; NC: Not
Connected
Function
A0 - A12
I
Address Inputs
BA0, BA1
I
Bank Selects
DQ0 - DQ63
I/O
Data Input/Output
CB0 - CB7
I/O
Check Bits (
× 72 organization only)
RAS, CAS, WE
I
Command Inputs
CKE0 - CKE1
I
Clock Enable
DQS0 - DQS8
I/O
SDRAM low data strobes
CK0 - CK2,
I
SDRAM clock (positive lines)
CK0 - CK2
I
SDRAM clock (negative lines)
DM0 - DM8
DQS9 - DQS17
I
I/O
SDRAM low data mask/
high data strobes
S0, S1
I
Chip Selects for Rank0 and Rank1
VDD
PWR
Power (+2.5 V)
V
SS
GND
Ground
V
DDQ
PWR
I/O Driver power supply
V
DDID
PWR
VDD Indentification flag
V
REF
AI
I/O reference supply
VDDSPD
PWR
Serial EEPROM power supply
SCL
I
Serial bus clock
SDA
I/O
Serial bus data line
SA0 - SA2
I
slave address select
NC
NC
Not Connected


Similar Part No. - HYS64D64320GU-6-B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D64320GU-6-C INFINEON-HYS64D64320GU-6-C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
More results

Similar Description - HYS64D64320GU-6-B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16301HU-5-C INFINEON-HYS64D16301HU-5-C Datasheet
937Kb / 35P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.0, July 2003
HYS64D64300GU INFINEON-HYS64D64300GU Datasheet
1Mb / 40P
   184-Pin Unbuffered Dual-In-Line Memory Modules
Rev. 1.0, May. 2004
HYS64D128320GU-6-A INFINEON-HYS64D128320GU-6-A Datasheet
302Kb / 18P
   2.5 V 184-pin Unbuffered DDR-I SDRAM Modules
2002-09-10 (rev.0.81)
logo
List of Unclassifed Man...
NT256D64S88B1G ETC1-NT256D64S88B1G Datasheet
358Kb / 28P
   184 pin Unbuffered DDR DIMM
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GDL INFINEON-HYS64D64020GDL Datasheet
780Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com