Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4532X5R1A107M280KC Datasheet(PDF) 1 Page - TDK Electronics

Part # C4532X5R1A107M280KC
Description  Commercial Grade ( General (Up to 50V) )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532X5R1A107M280KC Datasheet(HTML) 1 Page - TDK Electronics

  C4532X5R1A107M280KC Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( General (Up to 50V) )
C4532 [EIA CC1812]
L
4.50mm +/-0.4mm
W
3.20mm +/-0.4mm
T
2.80mm +/-0.3mm
B
0.20mm Min.
G
X5R (-55 to 85 degC +/-15%)
1A (10Vdc)
100uF
M (+/-20%)
7.5% Max.
1Mohm Min.
Not Applicable
All specifications are subject to change without notice.
January 4, 2016
C4532X5R1A107M280KC
TDK Item Description : C4532X5R1A107MT****
Cap. vs. Freq. Characteristic
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-80
-70
-60
-50
-40
-30
-20
-10
0
10
02
46
8
10
12
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
5
10
15
20
25
01
234
56
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - C4532X5R1A107M280KC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X5R1A107M280KC TDK-C4532X5R1A107M280KC_17 Datasheet
235Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C4532X5R1A107M280KC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608CH1H221J TDK-C1608CH1H221J Datasheet
123Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C4532X7R1H685M TDK-C4532X7R1H685M Datasheet
132Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005C0G1H080D050BA TDK-C1005C0G1H080D050BA_16 Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005CH1H0R5C050BA TDK-C1005CH1H0R5C050BA_16 Datasheet
129Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005CH1H020B050BA TDK-C1005CH1H020B050BA_16 Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1E224K050BC TDK-C1005X5R1E224K050BC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1E683M050BC TDK-C1005X5R1E683M050BC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1H102K050BA TDK-C1005X5R1H102K050BA Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1H222K050BA TDK-C1005X5R1H222K050BA Datasheet
139Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1608C0G1E472J080AA TDK-C1608C0G1E472J080AA Datasheet
131Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1608X5R1H104K080AA TDK-C1608X5R1H104K080AA_16 Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com