Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64T64020GDL-5-A Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYS64T64020GDL-5-A
Description  200-Pin Small Outline Dual-In-Line Memory Module
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64T64020GDL-5-A Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYS64T64020GDL-5-A Datasheet HTML 2Page - Infineon Technologies AG HYS64T64020GDL-5-A Datasheet HTML 3Page - Infineon Technologies AG HYS64T64020GDL-5-A Datasheet HTML 4Page - Infineon Technologies AG HYS64T64020GDL-5-A Datasheet HTML 5Page - Infineon Technologies AG HYS64T64020GDL-5-A Datasheet HTML 6Page - Infineon Technologies AG HYS64T64020GDL-5-A Datasheet HTML 7Page - Infineon Technologies AG HYS64T64020GDL-5-A Datasheet HTML 8Page - Infineon Technologies AG HYS64T64020GDL-5-A Datasheet HTML 9Page - Infineon Technologies AG HYS64T64020GDL-5-A Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
200-Pin Small Outline Dual-In-Line Memory Module
DDR2 SDRAM
HYS64T32000[G/H]DL–[3.7/5]–A
HYS64T64020[G/H]DL–[3.7/5]–A
HYS64T128021[G/H]DL–[3.7/5]–A
Data Sheet
6
Rev. 0.91, 2004-06
09122003-FTXN-KM26
1
Overview
This chapter gives an overview of the 1.8 V 200-Pin Small Outline Dual-In-Line Memory Module, 256 MByte and
512 MByte and describes its main characteristics.
1.1
Features
200-pin Non-ECC Unbuffered 8-Byte Dual-In-Line
DDR2 SDRAM Module for Notebooks and other
application where small form factors are required.
One rank 32M
× 64, two ranks 64M × 64 and
128M
× 64 module organisation and 32M × 16 and
64M
× 8 chip organisation
JEDEC standard Double-Data-Rate-Two
Synchronous DRAMs (DDR2 SDRAM) with a single
+ 1.8 V (± 0.1 V) power supply
256 ,512 MByte and 1GByte modules built with
512Mb DDR2 SDRAMs in 60-ball FBGA
(P–TFBGA–60) and 84-ball FBGA (P–TFBGA–84)
chipsize packages
Programmable CAS Latencies (3, 4 and 5), Burst
Length (4 & 8) and Burst Type
Auto Refresh (CBR) and Self Refresh
All inputs and outputs SSTL_1.8 compatible
Off-Chip Driver Impedance Adjustment(OCD) and
On-Die Termination(ODT)
Serial Presence Detect with E
2PROM
Low Profile Modules form factor: 67.60 mm x 30.00
mm (MO-224)
Based on JEDEC standard reference layouts Raw
Card “A”, “C” and “D”
1.2
Description
The INFINEON
HYS64T[32000/64020/128021][G/H]DL–[3.7/5]–A
module family are low profile SO-DIMM modules with
30,0 mm height based on DDR2 technology. DIMMs
are available as Non-ECC modules in 32M
× 64
(256 MByte),64M
× 64 (512 MByte) and 128M × 64
(1 GByte) organisation and density, intended for
mounting into 200-pin connector sockets.
The memory array is designed with 512Mb Double-
Data-Rate-Two (DDR2) Synchronous DRAMs.
Decoupling capacitors are mounted on the PCB board.
The DIMMs feature serial presence detect based on a
serial E
2PROM device using the 2-pin I2C protocol. The
first 128 bytes are programmed with configuration data
and are write protected; the second 128 bytes are
available to the customer.
Table 1
Performance
Product Type Speed Code
–3.7
–5
Units
Speed Grade
PC2–4200 4–4–4
PC2–3200 3–3–3
max. Clock Frequency
@CL5
f
CK5
266
200
MHz
@CL4
f
CK4
266
200
MHz
@CL3
f
CK3
200
200
MHz
min. RAS-CAS-Delay
t
RCD
15
15
ns
min. Row Precharge Time
t
RP
15
15
ns
min. Row Active Time
t
RAS
45
40
ns
min. Row Cycle Time
t
RC
60
55
ns


Similar Part No. - HYS64T64020GDL-5-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T64020EDL QIMONDA-HYS64T64020EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T64020EDL-2.5-B2 QIMONDA-HYS64T64020EDL-2.5-B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T64020EDL-2.5-B2 QIMONDA-HYS64T64020EDL-2.5-B2 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T64020EDL-25F-B2 QIMONDA-HYS64T64020EDL-25F-B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T64020EDL-25F-B2 QIMONDA-HYS64T64020EDL-25F-B2 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T64020GDL-5-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GDL INFINEON-HYS64D64020GDL Datasheet
780Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D64020HBDL-5-C QIMONDA-HYS64D64020HBDL-5-C Datasheet
1Mb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
HYS64D32000HDL QIMONDA-HYS64D32000HDL Datasheet
902Kb / 32P
   200-Pin Small-Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
HYS64D64020HBDL INFINEON-HYS64D64020HBDL Datasheet
692Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D32020 QIMONDA-HYS64D32020 Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com