Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64T32000KM-5-A Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # HYS64T32000KM-5-A
Description  Double-Data-Rate-Two SDRAM Micro-DIMM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64T32000KM-5-A Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button HYS64T32000KM-5-A Datasheet HTML 7Page - Infineon Technologies AG HYS64T32000KM-5-A Datasheet HTML 8Page - Infineon Technologies AG HYS64T32000KM-5-A Datasheet HTML 9Page - Infineon Technologies AG HYS64T32000KM-5-A Datasheet HTML 10Page - Infineon Technologies AG HYS64T32000KM-5-A Datasheet HTML 11Page - Infineon Technologies AG HYS64T32000KM-5-A Datasheet HTML 12Page - Infineon Technologies AG HYS64T32000KM-5-A Datasheet HTML 13Page - Infineon Technologies AG HYS64T32000KM-5-A Datasheet HTML 14Page - Infineon Technologies AG HYS64T32000KM-5-A Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Preliminary
HYS64T[3200/6402]0[H/K/L]M–[3.7/5]–A
Double-Data-Rate-Two SDRAM Micro-DIMM
Overview
Data Sheet
11
Rev. 0.6, 2004-06
03242004-2CBE-IJ2X
7DQS0
I/O
SSTL
Data Strobes 7:0
Note: See block diagram for corresponding
DQS signals
6DQS0
I/O
SSTL
19
DQS1
I/O
SSTL
18
DQS1
I/O
SSTL
28
DQS2
I/O
SSTL
27
DQS2
I/O
SSTL
140
DQS3
I/O
SSTL
139
DQS3
I/O
SSTL
71
DQS4
I/O
SSTL
70
DQS4
I/O
SSTL
186
DQS5
I/O
SSTL
185
DQS5
I/O
SSTL
198
DQS6
I/O
SSTL
197
DQS6
I/O
SSTL
99
DQS7
I/O
SSTL
98
DQS7
I/O
SSTL
EEPROM
105
SCL
I
CMOS
Serial Presence Detect (SPD) Clock Input
104
SDA
I/O
OD
SPD Data Input/Output
211
SA0
I
CMOS
SPD Address 1:0
213
SA1
I
CMOS
Power Supplies
1
V
REF
AI
I/O Reference Voltage
42, 45, 49, 53, 57, 61, 64, 146, 149,
152, 156, 160, 164, 168, 171
V
DD
PWR
Power Supply
107
V
DDSPD
PWR
EEPROM Power Supply
2, 5, 8, 11, 14, 17, 20, 23, 26, 29, 32,
35, 37, 40, 66, 69, 72, 75, 78, 80, 83,
86, 89, 91, 94, 97, 100, 103, 108,
111, 113, 116, 119, 121, 124, 127,
130, 132, 135, 138, 141, 144, 173,
176, 178, 181, 184, 187, 190, 193,
196, 205, 199, 202, 207, 210
V
SS
GND
Ground Plane
Other Pins
166
ODT0
On-Die Termination Control 1:0
Note: 2-rank module
63
ODT1
NC
Note: 1-rank module
15, 16, 41, 44, 46, 58, 59, 65, 87, 88,
106, 145, 148, 150, 151, 167, 169,
170, 172, 212, 214
NC
NC
Not connected
Note: Pins
not
connected
on
Infineon
MDIMMs
Table 5
Pin Configuration of MDIMM
Pin#
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYS64T32000KM-5-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32000EDL QIMONDA-HYS64T32000EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32000EDL-2.5-B2 QIMONDA-HYS64T32000EDL-2.5-B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32000EDL-2.5-B2 QIMONDA-HYS64T32000EDL-2.5-B2 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32000EDL-25F-B2 QIMONDA-HYS64T32000EDL-25F-B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32000EDL-25F-B2 QIMONDA-HYS64T32000EDL-25F-B2 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T32000KM-5-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC1G800BF QIMONDA-HYB18TC1G800BF_07 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF-2.5F QIMONDA-HYB18T1G400BF-2.5F Datasheet
3Mb / 70P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF QIMONDA-HYB18T1G400BF_07 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T256400BF QIMONDA-HYB18T256400BF Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256800BF QIMONDA-HYB18TC256800BF Datasheet
3Mb / 62P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com