Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T128020GU-5-A Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # HYS72T128020GU-5-A
Description  240-Pin Unbuffered DDR2 SDRAM Modules
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72T128020GU-5-A Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button HYS72T128020GU-5-A Datasheet HTML 3Page - Infineon Technologies AG HYS72T128020GU-5-A Datasheet HTML 4Page - Infineon Technologies AG HYS72T128020GU-5-A Datasheet HTML 5Page - Infineon Technologies AG HYS72T128020GU-5-A Datasheet HTML 6Page - Infineon Technologies AG HYS72T128020GU-5-A Datasheet HTML 7Page - Infineon Technologies AG HYS72T128020GU-5-A Datasheet HTML 8Page - Infineon Technologies AG HYS72T128020GU-5-A Datasheet HTML 9Page - Infineon Technologies AG HYS72T128020GU-5-A Datasheet HTML 10Page - Infineon Technologies AG HYS72T128020GU-5-A Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
HYS[64T[3200/6400/12802]0/72T[6400/12802]0][G/H]U–[3.7/5]–A
512 Mbit DDR2 SDRAM
Overview
Data Sheet
7
Rev. 0.87, 2004-06
09122003-GZEK-H4J6
Note:
1. All part numbers end with a place code, designating
the
silicon
die
revision.
Example:
HYS72T64000GU–5-A, indicating Rev. A dice are
used for DDR2 SDRAM components. For all
INFINEON
DDR2
module
and
component
nomenclature see section 8 of this datasheet.
2. The Compliance Code is printed on the module
label and describes the speed grade, f.e. “PC2-
4200U-44410-C”, where 4200U means Unbuffered
DIMM
modules
with
4.26
GB/sec
Module
Bandwidth and “44410” means CAS latency = 4,
trcd latency = 4 and trp latency = 4 using the latest
JEDEC SPD Revision 1.1 and produced on the
Raw Card “C”.
Table 2
Ordering Information
Product Type
Compliance Code
Description
SDRAM
Technology
PC2-3200
HYS64T32000GU–5–A
256MB 1R
×16 PC2–3200U–333–11–C0
1 Rank, Non-ECC
512 Mbit (
×16)
HYS64T64000GU–5–A
512MB 1R
×8 PC2–3200U–333–11–A0
1 Rank, Non-ECC
512 Mbit (
×8)
HYS72T64000GU–5–A
512MB 1R
×8 PC2–3200E–333–11–A0
1 Rank, ECC
512 Mbit (
×8)
HYS64T128020GU–5–A
1GB 2R
×8 PC2–3200U–333–11–B0
2 Ranks, Non-ECC
512 Mbit (
×8
HYS72T128020GU–5–A
1GB 2R
×8 PC2–3200E–333–11–B0
2 Ranks, ECC
512 Mbit (
×8)
HYS64T32000HU–5–A
256MB 1R
×16 PC2–3200U–333–11–C0
1 rank, Non-ECC
512 Mbit (
×16)
HYS64T64000HU–5–A
512MB 1R
×8 PC2–3200U–333–11–A0
1 rank, Non-ECC
512 Mbit (
×8)
HYS72T64000HU–5–A
512MB 1R
×8 PC2–3200E–333–11–A0
1 rank, ECC
512 Mbit (
×8)
HYS64T128020HU–5–A
1GB 2R
×8 PC2–3200U–333–11–B0
2 ranks, Non-ECC
512 Mbit (
×8)
HYS72T128020HU–5–A
1GB 2R
×8 PC2–3200E–333–11–B0
2 ranks, ECC
512 Mbit (
×8)
PC2–4200
HYS64T32000GU–3.7–A
256MB 1R
×16 PC2–4200U–444–11–C0
1 rank, Non-ECC
512 Mbit (
×16)
HYS64T64000GU–3.7–A
512MB 1R
×8 PC2–4200U–444–11–A0
1 rank, Non-ECC
512 Mbit (
×8)
HYS72T64000GU–3.7–A
512MB 1R
×8 PC2–4200E–444–11–A0
1 rank, ECC
512 Mbit (
×8)
HYS64T128020GU–3.7–A
1GB 2R
×8 PC2–4200U–444–11–B0
2 ranks, Non-ECC
512 Mbit (
×8
HYS72T128020GU–3.7–A
1GB 2R
×8 PC2–4200E–444–11–B0
2 ranks, ECC
512 Mbit (
×8)
HYS64T32000HU–3.7–A
256MB 1R
×16 PC2–4200U–444–11–C0
1 rank, Non-ECC
512 Mbit (
×16)
HYS72T64000HU–3.7–A
512MB 1R
×8 PC2–4200E–444–11–A0
1 rank, ECC
512 Mbit (
×8)
HYS64T64000HU–3.7–A
512MB 1R
×8 PC2–4200U–444–11–A0
1 rank, Non-ECC
512 Mbit (
×8)
HYS64T128020HU–3.7–A
1GB 2R
×8 PC2–4200U–444–11–B0
2 ranks, Non-ECC
512 Mbit (
×8)
HYS72T128020HU–3.7–A
1GB 2R
×8 PC2–4200E–444–11–B0
2 ranks, ECC
512 Mbit (
×8)


Similar Part No. - HYS72T128020GU-5-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T128020GR INFINEON-HYS72T128020GR Datasheet
936Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128020GR INFINEON-HYS72T128020GR Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128020GR-3.7-A INFINEON-HYS72T128020GR-3.7-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128020GR-37-A INFINEON-HYS72T128020GR-37-A Datasheet
936Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T128020GR-5-A INFINEON-HYS72T128020GR-5-A Datasheet
936Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
More results

Similar Description - HYS72T128020GU-5-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000EU-25F-B2 QIMONDA-HYS64T32000EU-25F-B2 Datasheet
5Mb / 95P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T256020EU-25F-B QIMONDA-HYS64T256020EU-25F-B Datasheet
3Mb / 60P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T16000HU QIMONDA-HYS64T16000HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000HU-25F-B QIMONDA-HYS64T32000HU-25F-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T32000HU-3-A QIMONDA-HYS64T32000HU-3-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com