Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64T32000HM-37-A Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYS64T32000HM-37-A
Description  Double-Data-Rate-Two SDRAM Micro-DIMM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64T32000HM-37-A Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYS64T32000HM-37-A Datasheet HTML 2Page - Infineon Technologies AG HYS64T32000HM-37-A Datasheet HTML 3Page - Infineon Technologies AG HYS64T32000HM-37-A Datasheet HTML 4Page - Infineon Technologies AG HYS64T32000HM-37-A Datasheet HTML 5Page - Infineon Technologies AG HYS64T32000HM-37-A Datasheet HTML 6Page - Infineon Technologies AG HYS64T32000HM-37-A Datasheet HTML 7Page - Infineon Technologies AG HYS64T32000HM-37-A Datasheet HTML 8Page - Infineon Technologies AG HYS64T32000HM-37-A Datasheet HTML 9Page - Infineon Technologies AG HYS64T32000HM-37-A Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Preliminary
Double-Data-Rate-Two SDRAM Micro-DIMM
DDR2 MDIMM
HYS64T32000[H/K/L]M–[3.7/5]–A
HYS64T64020[H/K/L]M–[3.7/5]–A
Data Sheet
6
Rev. 0.6, 2004-06
03242004-2CBE-IJ2X
1
Overview
This chapter gives an overview of the Double-Data-Rate-Two SDRAM Micro-DIMM product family and describes
its main characteristics.
1.1
Features
214-pin PC2-4200 and PC2-3200 DDR2 SDRAM
memory modules for use as main memory when
installed in systems such as mobile personal
computers.
•32M
× 64 and 64M × 64 module organisation and
32M
× 16 chip organisation
JEDEC standard Double-Data-Rate-Two
Synchronous DRAMs (DDR2 SDRAM) with a single
+ 1.8 V (± 0.1 V) power supply
Built with 512Mb DDR2 SDRAMs in P-TFBGA-84-2
chipsize packages
Programmable CAS Latencies (3, 4 and 5), Burst
Length (8 & 4) and Burst Type
Burst Refresh, Distributed Refresh and Self Refresh
All inputs and outputs SSTL_1.8 compatible
OCD (Off-Chip Driver Impedance Adjustment) and
ODT (On-Die Termination)
Serial Presence Detect with E
2PROM
Micro-DIMM Dimensions (nominal) : 30 mm high,
54.0 mm wide
Based on JEDEC standard reference layouts Raw
Card “A” & “B”
2-piece type Mezzanine Socket with 0,4 mm
contact centers
1.2
Description
The
INFINEON
HYS64T[3200/6402]0[H/K/L]M–
[3.7/5]–A module family are low profile Unbuffered
Micro-DIMM modules “MDIMMs” with 30,0 mm height
based on DDR2 technology. DIMMs are available as
32M
× 64 and 64M × 64 organisation and density,
intended
for
mounting
into
214-pin
mezzanine
connector sockets.
The memory array is designed with 512Mb Double-
Data-Rate-Two
(DDR2)
Synchronous
DRAMs.
Decoupling capacitors are mounted on the PCB board.
The DIMMs feature serial presence detect based on a
serial E
2PROM device using the 2-pin I2C protocol. The
first 128 bytes are programmed with configuration data
and are write protected; the
second 128 bytes are
available to the customer.
Table 1
Performance
Product Type Speed Code
–3.7
–5
Units
Speed Grade
PC2–4200 4–4–4
PC2–3200 3–3–3
max. Clock Frequency
@CL5
f
CK5
266
200
MHz
@CL4
f
CK4
266
200
MHz
@CL3
f
CK3
200
200
MHz
min. RAS-CAS-Delay
t
RCD
15
15
ns
min. Row Precharge Time
t
RP
15
15
ns
min. Row Active Time
t
RAS
45
45
ns
min. Row Cycle Time
t
RC
60
60
ns


Similar Part No. - HYS64T32000HM-37-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32000HM-3.7-A QIMONDA-HYS64T32000HM-3.7-A Datasheet
2Mb / 44P
   214-Pin Micro-DIMM-DDR2-SDRAM Modules
HYS64T32000HM-3S-A QIMONDA-HYS64T32000HM-3S-A Datasheet
2Mb / 44P
   214-Pin Micro-DIMM-DDR2-SDRAM Modules
More results

Similar Description - HYS64T32000HM-37-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC1G800BF QIMONDA-HYB18TC1G800BF_07 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF-2.5F QIMONDA-HYB18T1G400BF-2.5F Datasheet
3Mb / 70P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF QIMONDA-HYB18T1G400BF_07 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T256400BF QIMONDA-HYB18T256400BF Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256800BF QIMONDA-HYB18TC256800BF Datasheet
3Mb / 62P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com