Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72V32300GU-75-C2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYS72V32300GU-75-C2
Description  3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72V32300GU-75-C2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYS72V32300GU-75-C2 Datasheet HTML 2Page - Infineon Technologies AG HYS72V32300GU-75-C2 Datasheet HTML 3Page - Infineon Technologies AG HYS72V32300GU-75-C2 Datasheet HTML 4Page - Infineon Technologies AG HYS72V32300GU-75-C2 Datasheet HTML 5Page - Infineon Technologies AG HYS72V32300GU-75-C2 Datasheet HTML 6Page - Infineon Technologies AG HYS72V32300GU-75-C2 Datasheet HTML 7Page - Infineon Technologies AG HYS72V32300GU-75-C2 Datasheet HTML 8Page - Infineon Technologies AG HYS72V32300GU-75-C2 Datasheet HTML 9Page - Infineon Technologies AG HYS72V32300GU-75-C2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HYS 64/72V32300GU
SDRAM-Modules
INFINEON Technologies
6
9.01
Operating Currents per SDRAM Component
1)
T
A = 0 to 70
oC, V
DD = 3.3 V ± 0.3 V
Parameter
Test
Condition
Symbol
-7.5
-8
Unit Note
max.
Operating current
t
RC = tRCMIN., tCK = tCKMIN.
Outputs open, Burst Length = 4, CL = 3
All banks operated in random access,
all banks operated in ping-pong manner
to maximize gapless data access
I
CC1
230
170
mA
2)
Precharge stand-by current
in Power Down Mode
CS =
V
IH(MIN.), CKE ≤ VIL(MAX.)
t
CK =min.
I
CC2P
22mA
2)
Precharge Stand-by Current
in Non-Power Down Mode
CS =
V
IH (MIN.), CKE ≥ VIH(MIN.)
t
CK =min.
I
CC2N
40
30
mA
2)
No operating current
t
CK = min., CS = VIH(MIN.),
active state (max. 4 banks)
CKE
V
IH(MIN.)
I
CC3N
50
45
mA
2)
CKE
V
IL(MAX.)
I
CC3P
10
10
mA
2)
Burst operating current
t
CK =min.,
Read command cycling
I
CC4
150
100
mA
2), 3)
Auto refresh current
t
CK =min.,
Auto Refresh command cycling
I
CC5
240
220
mA
2)
Self refresh current
Self Refresh Mode, CKE = 0.2 V
I
CC6
33mA
2)
1. All values are shown per one SDRAM component.
2. These parameters depend on the cycle rate. These values are measured at 133 MHz operation frequency
for -7 & -7.5 and at 100 MHz for -8 modules.
Input signals are changed once during t
CK, excepts for ICC6 and for stand-by currents when tCK = infinity.
3. These parameters are measured with continuous data stream during read access and all DQ toggling.
CL = 3 and BL = 4 are assumed and the data-out current is excluded.


Similar Part No. - HYS72V32300GU-75-C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72V32300GR-7-D INFINEON-HYS72V32300GR-7-D Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V32300GR-75-C2 INFINEON-HYS72V32300GR-75-C2 Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V32300GR-75-D INFINEON-HYS72V32300GR-75-D Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
More results

Similar Description - HYS72V32300GU-75-C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64V64220GU INFINEON-HYS64V64220GU Datasheet
274Kb / 15P
   3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS64V16300GU INFINEON-HYS64V16300GU Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
logo
Infineon Technologies A...
HYS64V16302GU INFINEON-HYS64V16302GU Datasheet
223Kb / 13P
   3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
logo
Mosel Vitelic, Corp
V436616R24V MOSEL-V436616R24V Datasheet
296Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64
V436616R24VL MOSEL-V436616R24VL Datasheet
314Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64 LOW PROFILE
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
   64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V436632R24VL MOSEL-V436632R24VL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V4374128C24V MOSEL-V4374128C24V Datasheet
334Kb / 13P
   1GB 168-PIN REGISTERED PLL ECC SDRAM DIMM 3.3 VOLT 128M x 72
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com