Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AED36US48 Datasheet(PDF) 1 Page - XP Power Limited

Part # AED36US48
Description  Single Outputs from 5 V to 48 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AED36US48 Datasheet(HTML) 1 Page - XP Power Limited

  AED36US48 Datasheet HTML 1Page - XP Power Limited AED36US48 Datasheet HTML 2Page - XP Power Limited AED36US48 Datasheet HTML 3Page - XP Power Limited AED36US48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
3670 Watts
Low Profile
Single Outputs from 5 V to 48 V
Universal Input
Optional Floating Output
High Power Density
Class II Insulation on 36 W Version
3 Year Warranty
AED Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• AED36: 1.00 A max
AED45: 1.20 A max
AED70: 2.00 A max
Inrush Current
• AED36: 50 A max at 230 VAC
AED45: 100 A max at 230 VAC
AED70: 100 A max at 240 VAC
Earth Leakage Current
• AED36: Class II
AED45/70: 3.5 mA max
Power Factor
• Compliant with EN61000-3-2
Output
Output Voltage
• See tables
Initial Set Accuracy
• ±2%
Minimum Load
• No minimum load requirement
Hold Up Time
• AED36: 8 ms min at 115 VAC
AED45: 8 ms min at 115 VAC
AED70: 20 ms min at 115 VAC
Line Regulation
• ±1%
Load Regulation
• See tables
Ripple & Noise
• 1% pk-pk max, 20 MHz BW (see note 2)
Overvoltage Protection
• Typical 125% max
Overload Protection
• 120-150% hiccup/trip & restart mode
with auto recovery
Short Circuit Protection
• Continuous
Temperature
• ±0.05%/˚C
Coefficient
xppower.com
General
Efficiency
• 85% typical at 230 VAC & 100% load
Isolation
• 3000 VAC Input to Output,
1500 VAC Input to Ground.
Negative output is connected to ground.
For optional 500 VAC output to ground
isolation add suffix ‘-F’ to model number
Switching Frequency
• 60 kHz ±10 kHz
Power Density
• AED36: 5.34 W/in3
AED45: 3.20 W/in3
AED70: 4.98 W/in3
MTBF
• 200 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• 0 ˚C to +60 ˚C derate linearly from 100%
load at +40 ˚C to 50% load at +60 ˚C
Operating Humidity
• 93% RH, non-condensing
Operating Altitude
• 2000 m
Storage Temperature
• -20 ˚C to +85 ˚C
EMC & Safety
Emissions
• EN55022 Class B conducted & radiated
Harmonic Currents
• EN61000-3-2, Class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, 8 kV air, 4 kV contact
Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Safety Approvals
• EN60950-1, UL60950-1


Similar Part No. - AED36US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AED36US48 XPPOWER-AED36US48 Datasheet
170Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - AED36US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AML180 XPPOWER-AML180 Datasheet
75Kb / 2P
   Single Outputs from 18 V to 48 V
ECP XPPOWER-ECP Datasheet
362Kb / 2P
   Single Outputs from 3.3 to 48 V
CU20 XPPOWER-CU20 Datasheet
410Kb / 2P
   Single Outputs from 3.3 V to 24 V
VFT80US05 XPPOWER-VFT80US05 Datasheet
517Kb / 2P
   Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
   Output voltages from 3.3 V to 48 V
logo
XP Power Limited
AEH XPPOWER-AEH Datasheet
617Kb / 5P
   Output Voltages from 2.5 V to 48 V
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
[Old version datasheet]   Operates From a Single 5-V Supply
logo
Crydom Inc.,
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
logo
Shanghai Shunye Electro...
SMM4F SHUNYE-SMM4F Datasheet
285Kb / 5P
   Stand off voltage range - from 5 V to 33 V
logo
STMicroelectronics
SMBJ13CA-TR STMICROELECTRONICS-SMBJ13CA-TR Datasheet
133Kb / 10P
   Stand off voltage range: from 5 V to 188 V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com