Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSGM120100 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSGM120100
Description  2 to 10 Circuits-designed Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSGM120100 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSGM120100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSGM120100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSGM120100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSGM120100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSGM120100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
180
180
Highly reliable IC-size type
with gold contact supports automatic insertion
2 to 10 Circuits-designed Type
SSGM
SSGM780103
Japan
Export
Product Line
Insertion
Reflow
Standard
Flat
Standard
Flat
Stick
1
2
3
4
Soldering
Actuator
configuration
Packaging style
Drawing No.
SSGM120100
SSGM130100
SSGM140100
SSGM150100
SSGM160100
SSGM170100
SSGM180100
SSGM190100
SSGM1A0100
SSGM240100
SSGM260100
SSGM280100
SSGM2A0100
Taping
2
3
4
5
6
7
8
9
10
4
6
8
10
4
8
2
4
6
8
Poles
7,000
70
5,200
52
4,000
40
3,300
33
2,800
28
2,500
25
2,200
22
1,900
19
1,800
18
4,000
40
2,800
28
2,200
22
1,800
18
3,200
800
1,600
4,000
1,000
2,000
Minimum order unit(pcs.)
SSGM640200
SSGM680200
SSGM720101
SSGM740101
SSGM760102
Product No.
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
25mA 24V DC(At opening and closing)
0.1A 50V DC(When energized)/ 50μA 3V DC
Contact resistance
(Initial performance / After lifetime)
50mΩmax. / 100mΩ max.
Operating force
3.5±2.5N
Operating life
Without load
3,000 cycles
With load
3,000 cycles(25mA 24V DC)
Refer to P.183 for soldering conditions.


Similar Part No. - SSGM120100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSGM120100 ALPS-SSGM120100 Datasheet
160Kb / 5P
   Dual In-line Package Type Switches
More results

Similar Description - SSGM120100

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0927-T-2-R PUIAUDIO-SMT-0927-T-2-R Datasheet
467Kb / 3P
   Top_firing electromechanical transducer designed for 2 to 4 Vp-p
logo
List of Unclassifed Man...
SMJE-2V12W1P3 ETC2-SMJE-2V12W1P3 Datasheet
649Kb / 17P
   Arich 2 series designed for...
SMJE-3V12W1P3 ETC2-SMJE-3V12W1P3 Datasheet
634Kb / 17P
   Acrich 2 series designed for...
logo
Molex Electronics Ltd.
0495181092 MOLEX6-0495181092 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Retainer, 10 Circuits, UL94V-2, Red
0495181090 MOLEX6-0495181090 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Retainer, 10 Circuits, UL94V-2, Natural
logo
List of Unclassifed Man...
SLD2083CZ ETC1-SLD2083CZ Datasheet
129Kb / 5P
   10 Watt high performance LDMOS transistor designed for operation to 2700MHz
logo
PUI audio inc.
SMT-0540-T-2-R PUIAUDIO-SMT-0540-T-2-R Datasheet
559Kb / 3P
   Top-firing electromechaical transducer designed for 2 to 4 Vp-p
logo
Molex Electronics Ltd.
5051521000 MOLEX1-5051521000_17 Datasheet
38Kb / 1P
   DuraClik Wire-to-Board 2-Way Terminal Position Assurance (TPA) Retainer, 10 Circuits
logo
PUI audio inc.
SMT-0927-S-4-R PUIAUDIO-SMT-0927-S-4-R Datasheet
410Kb / 3P
   Side-firing electromechanical transducer designed for 2 to 4 Vp-p
logo
Emerson Network Power
BXA30 EMERSON-NETWORKPOWER-BXA30 Datasheet
343Kb / 5P
   Designed to meet telecom power supply interface standard ETS300-132-2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com