Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSGM190100 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSGM190100
Description  2 to 10 Circuits-designed Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSGM190100 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSGM190100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSGM190100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSGM190100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSGM190100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSGM190100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
182
182
9
9
1.5
2.54
0.6
1
Terminal No.9
L
A
PC board mounting face
10.7
7.62
1.2
1.2
6.8
0.8
1
0.6
2.54
1
Terminal No.9
L
B
A
PC board mounting face
1.2
1.2
10.7
7.62
6.8
B-B
Travel
B
Circuit Diagram(Viewed from Direction A)
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewed from direction A)
No.
1
2
3
4
12 34 5678
9
!11
!3 !4
!2
!0
!5 !6
N-ø1 hole
2.54
2.54 2.54
2.54
2.54
2.54
2.54
N-ø1 hole
2.54
2.54 2.54
2.54
2.54
2.54
2.54
P=2.54
1.1
P=2.54
1.1
Standard
Flat
Standard
Flat
Number of Poles and Outline Dimension(L)
Number of poles(N)
L(mm)
2
6.9
9.4
11.9
14.5
17
19.6
22.1
24.6
27.2
3
4
5
6
7
8
9
10
2 to 10 Circuits-designed Type
SSGM


Similar Part No. - SSGM190100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSGM190100 ALPS-SSGM190100 Datasheet
160Kb / 5P
   Dual In-line Package Type Switches
More results

Similar Description - SSGM190100

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0927-T-2-R PUIAUDIO-SMT-0927-T-2-R Datasheet
467Kb / 3P
   Top_firing electromechanical transducer designed for 2 to 4 Vp-p
logo
List of Unclassifed Man...
SMJE-2V12W1P3 ETC2-SMJE-2V12W1P3 Datasheet
649Kb / 17P
   Arich 2 series designed for...
SMJE-3V12W1P3 ETC2-SMJE-3V12W1P3 Datasheet
634Kb / 17P
   Acrich 2 series designed for...
logo
Molex Electronics Ltd.
0495181092 MOLEX6-0495181092 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Retainer, 10 Circuits, UL94V-2, Red
0495181090 MOLEX6-0495181090 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Retainer, 10 Circuits, UL94V-2, Natural
logo
List of Unclassifed Man...
SLD2083CZ ETC1-SLD2083CZ Datasheet
129Kb / 5P
   10 Watt high performance LDMOS transistor designed for operation to 2700MHz
logo
PUI audio inc.
SMT-0540-T-2-R PUIAUDIO-SMT-0540-T-2-R Datasheet
559Kb / 3P
   Top-firing electromechaical transducer designed for 2 to 4 Vp-p
logo
Molex Electronics Ltd.
5051521000 MOLEX1-5051521000_17 Datasheet
38Kb / 1P
   DuraClik Wire-to-Board 2-Way Terminal Position Assurance (TPA) Retainer, 10 Circuits
logo
PUI audio inc.
SMT-0927-S-4-R PUIAUDIO-SMT-0927-S-4-R Datasheet
410Kb / 3P
   Side-firing electromechanical transducer designed for 2 to 4 Vp-p
logo
Emerson Network Power
BXA30 EMERSON-NETWORKPOWER-BXA30 Datasheet
343Kb / 5P
   Designed to meet telecom power supply interface standard ETS300-132-2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com