Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64T32000HM Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # HYS64T32000HM
Description  Double-Data-Rate-Two SDRAM Micro-DIMM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64T32000HM Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button HYS64T32000HM Datasheet HTML 4Page - Infineon Technologies AG HYS64T32000HM Datasheet HTML 5Page - Infineon Technologies AG HYS64T32000HM Datasheet HTML 6Page - Infineon Technologies AG HYS64T32000HM Datasheet HTML 7Page - Infineon Technologies AG HYS64T32000HM Datasheet HTML 8Page - Infineon Technologies AG HYS64T32000HM Datasheet HTML 9Page - Infineon Technologies AG HYS64T32000HM Datasheet HTML 10Page - Infineon Technologies AG HYS64T32000HM Datasheet HTML 11Page - Infineon Technologies AG HYS64T32000HM Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Preliminary
HYS64T[3200/6402]0[H/K/L]M–[3.7/5]–A
Double-Data-Rate-Two SDRAM Micro-DIMM
Overview
Data Sheet
8
Rev. 0.6, 2004-06
03242004-2CBE-IJ2X
1.3
Pin Configuration
The pin configuration of the DDR2 SDRAM Micro-DIMM is listed by function in Table 5 (214 pins). The
abbreviations used in columns Pin and Buffer Type are explained in Table 6 and Table 7 respectively. The pin
numbering is depicted in Figure 1.
Table 5
Pin Configuration of MDIMM
Pin#
Name
Pin
Type
Buffer
Type
Function
Clock Signals
122
CK0
I
SSTL
Clock Signals 1:0
194
CK1
I
SSTL
123
CK0
ISSTL
Complement Clock Signals 1:0
195
CK1
ISSTL
43
CKE0
I
SSTL
Clock Enables
Note: 2-rank module
147
CKE1
I
SSTL
NC
NC
Note: 1-rank module
Control Signals
165
S0
ISSTL
Chip Select Rank 0
62
S1
ISSTL
Chip Select Rank 1
Note: 2-rank module
NC
NC
Note: 1-rank module
163
RAS
ISSTL
Row Address Strobe
60
CAS
ISSTL
Column Address Strobe
56
WE
ISSTL
Write Enable
Address Signals
55
BA0
I
SSTL
Bank Address 1:0
162
BA1
I
SSTL
161
A0
I
SSTL
Address Inputs 9:0
159
A1
I
SSTL
52
A2
I
SSTL
158
A3
I
SSTL
51
A4
I
SSTL
50
A5
I
SSTL
157
A6
I
SSTL
48
A7
I
SSTL
155
A8
I
SSTL
154
A9
I
SSTL
54
A10
I
SSTL
Address Input 10/Autoprecharge
AP
I
SSTL
47
A11
I
SSTL
Address Input 11
153
A12
I
SSTL
Address Input 12


Similar Part No. - HYS64T32000HM

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32000HM QIMONDA-HYS64T32000HM Datasheet
2Mb / 44P
   214-Pin Micro-DIMM-DDR2-SDRAM Modules
HYS64T32000HM-3.7-A QIMONDA-HYS64T32000HM-3.7-A Datasheet
2Mb / 44P
   214-Pin Micro-DIMM-DDR2-SDRAM Modules
HYS64T32000HM-3S-A QIMONDA-HYS64T32000HM-3S-A Datasheet
2Mb / 44P
   214-Pin Micro-DIMM-DDR2-SDRAM Modules
HYS64T32000HM-5-A QIMONDA-HYS64T32000HM-5-A Datasheet
2Mb / 44P
   214-Pin Micro-DIMM-DDR2-SDRAM Modules
More results

Similar Description - HYS64T32000HM

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC1G800BF QIMONDA-HYB18TC1G800BF_07 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF-2.5F QIMONDA-HYB18T1G400BF-2.5F Datasheet
3Mb / 70P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF QIMONDA-HYB18T1G400BF_07 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T256400BF QIMONDA-HYB18T256400BF Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256800BF QIMONDA-HYB18TC256800BF Datasheet
3Mb / 62P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com