Electronic Components Datasheet Search |
|
SSSF112500 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD. |
|
SSSF112500 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD. |
1 / 6 page 103 103 SSSF 8.5(H)mm, 2mm-travel Type Large-size general purpose type well established in various fields SSSF141300 Japan Export Product Line 1 2 4 1 2 4 2 3 2 2 3 3 2 2 3 6 9 6 9 6 9 6 9 6 9 6 9 6 9 6 9 Vertical Horizontal 1 2 3 4 5 6 7 8 9 10 Poles Positions Actuator direction 2 Travel (mm) Snap-in (t1.6) Mounting method Actuator length(mm) Drawing No. Non shorting Changeover timing Manual, Dip Soldering 4,000 100 3,000 4,000 3,000 4,000 3,000 4,000 3,000 4,000 Minimum order unit(pcs.) Products No. SSSF011700 SSSF012100 SSSF014800 SSSF021500 SSSF021900 SSSF024800 SSSF025100 SSSF040800 SSSF111800 SSSF112500 SSSF114900 SSSF115300 SSSF121900 SSSF122400 SSSF125300 SSSF125800 SSSF141000 Please contact us for automotive use products. Note ■ Typical Specifications Items Specifications Rating(max.)/(min.) (Resistive load) 0.1A 30V DC / 10μA 1V DC Contact resistance (Initial performance / After lifetime) 25mΩ max. / 65mΩ max. Operating force Refer to the dimensions. Operating life Without load 10,000 cycles With load 10,000 cycles(0.1A 30V DC) Refer to P.111 for soldering conditions. Packing Specifications Bulk Products No. Number of packages(pcs.) Export package measurements(mm) 1 case / Japan 1 case / export packing SSSF011700, SSSF012100 SSSF014800, SSSF021500 SSSF021900, SSSF024800 SSSF025100, SSSF040800 SSSF112500, SSSF115300 SSSF122400, SSSF125800 SSSF141000, SSSF141300 800 4,000 400×270×290 SSSF111800, SSSF114900 SSSF121900, SSSF125300 600 3,000 |
Similar Part No. - SSSF112500 |
|
Similar Description - SSSF112500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |