Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64T128021GDL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # HYS64T128021GDL
Description  200-Pin Small Outline Dual-In-Line Memory Module
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64T128021GDL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button HYS64T128021GDL Datasheet HTML 3Page - Infineon Technologies AG HYS64T128021GDL Datasheet HTML 4Page - Infineon Technologies AG HYS64T128021GDL Datasheet HTML 5Page - Infineon Technologies AG HYS64T128021GDL Datasheet HTML 6Page - Infineon Technologies AG HYS64T128021GDL Datasheet HTML 7Page - Infineon Technologies AG HYS64T128021GDL Datasheet HTML 8Page - Infineon Technologies AG HYS64T128021GDL Datasheet HTML 9Page - Infineon Technologies AG HYS64T128021GDL Datasheet HTML 10Page - Infineon Technologies AG HYS64T128021GDL Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
HYS64T[32000/64020/128021][G/H]DL–[3.7/5]–A
512 Mbit DDR2 SDRAM
Overview
Data Sheet
7
Rev. 0.91, 2004-06
09122003-FTXN-KM26
Note: The Compliance Code is printed on the module label and describes the speed grade,e.g. "512MB 2R
×16
PC2–3200S–33310–A" where "512MB" tells the density in megabytes, "2Rx16" means 2 ranks on module
built of
×16 components, "PC2–3200S" means DDR2 SO-DIMM with 4.26 GB/s module bandwidth and "444-
11" means CAS latency of 4, RCD
1) latency of 4, and RP2) latency of 4 using Jedec SPD revision 1.0. All
part numbers end with a place code, designating the silicon die revision. Example: HYS64T32000GDL–3.7–
A, indicating Rev. A dice are used for DDR2 SDRAM components. For all INFINEON DDR2 module and
component nomenclature see Chapter 8 of this datasheet.
Table 2
Ordering Information
Product Type
Compliance Code
Description
SDRAM
Technology
HYS64T32000GDL–3.7–A
PC2–4200S–444–10–C0
one rank 256 MByte SO–DIMM
512 Mbit (
×16)
HYS64T64020GDL–3.7–A
PC2–4200S–444–10–A0
two ranks 512 MByte SO–DIMM
512 Mbit (
×16)
HYS64T128021GDL–3.7–A
PC2–4200S–444–10–D0
two ranks 1 GByte SO–DIMM
512 Mbit (
× 8)
HYS64T32000GDL–5–A
PC2–3200S–333–10–C0
one rank 256 MByte SO–DIMM
512 Mbit (
×16)
HYS64T64020GDL–5–A
PC2–3200S–333–10–A0
two ranks 512 MByte SO–DIMM
512 Mbit (
×16)
HYS64T128021GDL–5–A
PC2–3200S–333–10–D0
two ranks 1 GByte SO–DIMM
512 Mbit (
× 8)
HYS64T32000HDL–3.7–A
PC2–4200S–444–10–C0
one rank 256 MByte SO–DIMM
512 Mbit (
×16)
HYS64T64020HDL–3.7–A
PC2–4200S–444–10–A0
two ranks 512 MByte SO–DIMM
512 Mbit (
×16)
HYS64T128021HDL–3.7–A
PC2–4200S–444–10–D0
two ranks 1 GByte SO–DIMM
512 Mbit (
× 8)
HYS64T32000HDL–5–A
PC2–3200S–333–10–C0
one rank 256 MByte SO–DIMM
512 Mbit (
×16)
HYS64T64020HDL–5–A
PC2–3200S–333–10–A0
two ranks 512 MByte SO–DIMM
512 Mbit (
×16)
HYS64T128021HDL–5–A
PC2–3200S–333–10–D0
two ranks 1 GByte SO–DIMM
512 Mbit (
× 8)
1) RCD: Row Column Delay
2) RP: Row Precharge
Table 3
Address Format
DIMM
Density
Module
Organization
Memory
Ranks
# of
SDRAMs
# of row/bank/column bits
Raw
Card
256 MB
32M
×64
1
4
13/2/10
C
512 MB
64M
×64
2
8
13/2/10
A
1GB
128M
×64
2
16
14/2/10
D


Similar Part No. - HYS64T128021GDL

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T128021EDL QIMONDA-HYS64T128021EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T128021EDL-2.5B2 QIMONDA-HYS64T128021EDL-2.5B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T128021EDL-2.5B2 QIMONDA-HYS64T128021EDL-2.5B2 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T128021EDL-25FB2 QIMONDA-HYS64T128021EDL-25FB2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T128021EDL-25FB2 QIMONDA-HYS64T128021EDL-25FB2 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T128021GDL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GDL INFINEON-HYS64D64020GDL Datasheet
780Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D64020HBDL-5-C QIMONDA-HYS64D64020HBDL-5-C Datasheet
1Mb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
HYS64D32000HDL QIMONDA-HYS64D32000HDL Datasheet
902Kb / 32P
   200-Pin Small-Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
HYS64D64020HBDL INFINEON-HYS64D64020HBDL Datasheet
692Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D32020 QIMONDA-HYS64D32020 Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com