Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72D64500GR-7F-B Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYS72D64500GR-7F-B
Description  Low Profile Registered DDR-I SDRAM-Modules
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72D64500GR-7F-B Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYS72D64500GR-7F-B Datasheet HTML 6Page - Infineon Technologies AG HYS72D64500GR-7F-B Datasheet HTML 7Page - Infineon Technologies AG HYS72D64500GR-7F-B Datasheet HTML 8Page - Infineon Technologies AG HYS72D64500GR-7F-B Datasheet HTML 9Page - Infineon Technologies AG HYS72D64500GR-7F-B Datasheet HTML 10Page - Infineon Technologies AG HYS72D64500GR-7F-B Datasheet HTML 11Page - Infineon Technologies AG HYS72D64500GR-7F-B Datasheet HTML 12Page - Infineon Technologies AG HYS72D64500GR-7F-B Datasheet HTML 13Page - Infineon Technologies AG HYS72D64500GR-7F-B Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HYS 72Dxx5xxGR-7F/7/8-B
Registered DDR-I SDRAM-Modules
INFINEON Technologies
10
2002-08-16 (0.91)
Operating, Standby and Refresh Currents (-7: PC2100)
Notes
5
IDD2P
mA
2, 4
IDD2F
mA
2, 4
IDD2Q
mA
2, 4
IDD3P
mA
2, 4
IDD5
mA
1, 4
1. The module IDD values are calculated from the component IDD datasheet values as:
n * IDDx[component]
for single bank modules (n: number of components per module bank)
n * IDDx[component] + n * IDD3N[component]
for two bank modules (n: number of components per module bank)
2. The module IDD values are calculated from the component IDD datasheet values as:
n * IDDx[component]
for single bank modules (n: number of components per module bank)
2 * n * IDDx[component]
for two bank modules (n: number of components per module bank)
3. DQ I/O (IDDQ) currents are not included into calculations: module IDD values will be measured differently depending on load conditions
4. DRAM component currents only: module IDD will be measured differently depending upon register and PLL operation currents
5. Test condition for maximum values: VDD = 2.7V ,Ta = 10°C
mA
1, 4
256MB
x72
1bank
-7
512MB
x72
1bank
-7
1GB
x72
2bank
-7
324
mA
720
mA
1, 3, 4
2070
990
mA
1, 3, 4
2, 4
1980
mA
1440
450
Active Power-Down Standby Current: one bank active; power-down mode; CKE
<=VIL MAX; tCK = tCK MIN;VIN = VREF for DQ, DQS and DM.
Active Standby Current: one bank active; active / precharge;CS >= VIH MIN; CKE
>= VIH MIN; tRC = tRAS MAX; tCK = tCK MIN; DQ, DM, and DQS inputs changing
twice per clock cycle; address and control inputs changing once per clock cycle
Operating Current: one bank active; Burst = 2; reads; continuous burst; address
and control inputs changing once per clock cycle; 50% of data outputs changing on
every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK
MIN; IOUT = 0mA
Operating Current: one bank active; Burst = 2; writes; continuous burst; address
and control inputs changing once per clock cycle; 50% of data outputs changing on
every clock edge; CL = 2 for DDR200, and DDR266A, CL=3 for DDR333; tCK = tCK
MIN
1800
Precharge Quiet Standby Current: /CS >= VIH MIN, all banks idle;
CKE >= VIH MIN; tCK = tCK MIN ,address and other control inputs stable at >= VIH
MIN or <=VIL MAX; VIN = VREF for DQ, DQS and DM.
IDD0
Operating Current: one bank; active/read/precharge; Burst = 4;
Refer to the following page for detailed test conditions.
Operating Current: one bank; active / precharge; tRC = tRC MIN; tCK = tCK MIN;
DQ, DM, and DQS inputs changing once per clock cycle; address and control inputs
changing once every two clock cycles
Precharge Power-Down Standby Current: all banks idle; power-down mode; CKE
<=VIL MAX; tCK = tCK MIN
Precharge Floating Standby Current: /CS >= VIH MIN, all banks idle; CKE >= VIH
MIN; tCK = tCK MIN ,address and other control inputs changing once per clock
cycle, VIN = VREF for DQ, DQS and DM.
3240
3060
2, 4
648
900
288
2970
2790
1, 4
Symbol
Unit
Parameter/Condition
IDD4W
IDD4R
IDD3N
IDD1
225
144
1980
1, 3, 4
5040
4050
45
90
mA
mA
3240
2250
495
1035
1125
IDD7
IDD6
Operating Current: four bank; four bank interleaving with BL=4;
Refer to the following page for detailed test conditions.
2025
23
Self-Refresh Current:CKE <=0.2V; external clock on; tCK = tCK MIN
Auto-Refresh Current: tRC = tRFC MIN, distributed refresh
4230
MAX
MAX
MAX
1620
900
990
72
360
162


Similar Part No. - HYS72D64500GR-7F-B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D64500GR-7F-B INFINEON-HYS72D64500GR-7F-B Datasheet
1Mb / 39P
   Registered DDR SDRAM-Modules
Rev. 1.03, Jan. 2004
More results

Similar Description - HYS72D64500GR-7F-B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D32500GR INFINEON-HYS72D32500GR Datasheet
1Mb / 39P
   Registered DDR SDRAM-Modules
Rev. 1.03, Jan. 2004
HYS72D16000GR INFINEON-HYS72D16000GR Datasheet
676Kb / 28P
   Registered DDR SDRAM-Modules
Rev. 1.04, Jan. 2004
logo
Hynix Semiconductor
HYMD525G726AS4M-M HYNIX-HYMD525G726AS4M-M Datasheet
304Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD232G726BL8M-M HYNIX-HYMD232G726BL8M-M Datasheet
154Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726BS4M-M HYNIX-HYMD212G726BS4M-M Datasheet
164Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD564G726A8M-M HYNIX-HYMD564G726A8M-M Datasheet
264Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B4M-M HYNIX-HYMD132G725B4M-M Datasheet
232Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725EL4M-M HYNIX-HYMD132G725EL4M-M Datasheet
166Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-M HYNIX-HYMD212G726AS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
logo
Infineon Technologies A...
HYS72D128020GR-8-A INFINEON-HYS72D128020GR-8-A Datasheet
315Kb / 25P
   2.5 V 184-pin Registered DDR-I SDRAM Modules
2002-05-08 (revision 1.0)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com