Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLE45PS36 Datasheet(PDF) 3 Page - XP Power Limited

Part # DLE45PS36
Description  LED Drivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLE45PS36 Datasheet(HTML) 3 Page - XP Power Limited

  DLE45PS36 Datasheet HTML 1Page - XP Power Limited DLE45PS36 Datasheet HTML 2Page - XP Power Limited DLE45PS36 Datasheet HTML 3Page - XP Power Limited DLE45PS36 Datasheet HTML 4Page - XP Power Limited DLE45PS36 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DLE Series
www.xppower.com
LED Drivers
3
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-20
+50
°C
See derating curve
Operating Humidity
5
100
%
RH, non-condensing
Storage Temperature
-40
+80
°C
Some specification parameters maybe exceeded
until after 20 minutes warm up period.
Operating Altitude
3000
m
Shock
30 g pk, half sine, 6 axes EN60068-2-27, -2-47
& MIL-STD-810F 514.5 cat 4
Vibration
10-500 Hz, 2 g, 10 mins/cycle, 6 cycles in each
of axes
Derating Curves
Safety Approvals
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Equipment for General Lighting
Purposes
EN61547
as below
as below
ESD Immunity
EN61000-4-2
A
8 kV air and 4 kV contact
Radiated Immunity
EN61000-4-3
2A
EFT/Burst
EN61000-4-4
2A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
2A
Magnetic Field
EN61000-4-8
2A
Dips and Interruptions
EN61000-4-11
Dip: 30%, 10 ms
A
Dip: 30%, 200 ms
A/B
At 230 VAC/100 VAC
Int: 100%, 8.3 ms
A/B
At 230 VAC/100 VAC
EMC: Emissions
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55015
Class B
Radiated
EN55015
Class B
Harmonic Current
EN61000-3-2
Class C
Voltage Fluctuations
EN61000-3-3
Safety Agency
Safety Standard
Notes & Conditions
UL
UL8750
TUV
EN61347
CE
CE Mark
IEC
IEC61347-2-13 used in conjunction with IEC61347-1
IP
IEC60529
0
10
20
30
40
50
60
70
20
40
60
80
100
0
-20
-10
Temp (˚C)
100
305
90
20
40
60
80
100
0
Input Voltage (VAC)


Similar Part No. - DLE45PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE XPPOWER-DLE Datasheet
201Kb / 2P
   Constant Voltage AND Current Versions
logo
Everlight Electronics C...
DLE-0000010 EVERLIGHT-DLE-0000010 Datasheet
102Kb / 6P
   3.0mm Very Wide Angle Type LED Lamps
DLE-0000014 EVERLIGHT-DLE-0000014 Datasheet
102Kb / 6P
   3.0mm Very Wide Angle Type LED Lamps
DLE-0000312 EVERLIGHT-DLE-0000312 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
DLE-0000336 EVERLIGHT-DLE-0000336 Datasheet
368Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - DLE45PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
   LED DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com