Electronic Components Datasheet Search |
|
DNR240TS24-I Datasheet(PDF) 1 Page - XP Power Limited |
|
DNR240TS24-I Datasheet(HTML) 1 Page - XP Power Limited |
1 / 2 page Specification 120960 Watts • Three Phase AC Input • Up to 93% Efficiency • Wide Adjustment Range • Full Power 40 º C to +60 º C • Rugged Design for Industrial Applications • Single Phase Input Operation (340575 VAC) • 3 Year Warranty DNR120960TS Series Input Input Voltage • 340-575 VAC 3 phase (single phase operation with 75% of rated output), 480-820 VDC Input Frequency • 47-63 Hz Input Current • See tables Inrush Current • DNR120: 10.0 A, DNR240: 20.0 A, DNR480: 20.0 A, DNR960: 30.0 A, typical at 480 VAC, cold start Power Factor • 0.6 typical at 480 VAC input and nominal load, DNR960TS: 0.8 typical at 480 VAC input and nominal load Earth Leakage Current • 0.32 mA Input Protection • 3 internal fuses, DNR120TS, DNR240TS: T2.0 A, 600 VAC, DNR480TS: T3.15 A, 500 VAC, DNR960TS: T5.0 A, 500 VAC Output Output Voltage • See table Output Voltage Trim • See table Initial Set Accuracy • ±1% Minimum Load • No minimum load required Start Up Delay • <1 s (may increase at low temperature extremes) Start Up Rise Time • <150 ms Hold Up Time • 20 ms min at 480 VAC, DNR960TS: 15 ms min at 480 VAC Line Regulation • ±1% Load Regulation • ±1% max (±5% for units in parallel (not DNR120TS)) Parallel Operation • 2 units can be connected in parallel (not DNR120TS), total power available is 90% of the rated current of each unit, minimum load per unit 10%, use Ishare connection for DNR960TS. Redundancy module DPM10 available for load currents up to 10 A, contact sales Transient Response • 4% max deviation recovering to within 1% in 2 ms for 50% load change Ripple & Noise • 100 mV pk-pk 20 MHz bandwidth, DNR960TS: 80 mV pk-pk 20 MHz bandwidth, (may increase at low temperature extremes) Overvoltage Protection • 120-145%, auto recovery Overload Protection • 110%-140%, constant current, auto recovery Temperature Coefficient • ±0.03%/°C Short Circuit Protection • Continuous trip and restart (hiccup mode) (DNR480TS switchable hiccup mode or power limited ) xppower.com General Efficiency • See table Isolation • 3000 VAC Input to Output, 1500 VAC Input to Ground, 500 VAC Output to Ground Switching Frequency • DNR120TS: 70 kHz typical, DNR240TS: 25 kHz typical, DNR480TS: 80 kHz typical, DNR960TS: 52 kHz typical Signals • DC ON indicator LED Green, DC LOW indicator LED Red DC OK: normally open relay on 24 V models MTBF • DNR120TS: 550 kHrs, 240TS: 500 kHrs 480TS: 420 kHrs, 960TS: 380 kHrs to Bellcore Issue 6, at +40 °C, GB DIN Rail • Compatible with TS35/7.5 or TS35/15 Environmental Operating Temperature • -40 °C to 70 °C (DNR480TS -30 °C), derate linearly from 60 °C at 2.5%/°C (3.5%/°C for DNR960TS), start up at -35 °C (DNR480TS -20 °C) see derating curves Cooling • Convection-cooled with 25 mm free space all sides Operating Humidity • 20-95% RH, non-condensing Storage Temperature • -40 °C to +85 °C Shock • 15 g, 11 ms, 3 axis, 6 faces, 3 shocks/face Vibration • 2 g, 10 Hz to 500 Hz, along X, Y & Z axis, 60 min/axis, mounted on rail EMC & Safety Emissions • EN55022, Class B conducted & radiated Harmonic Currents • EN61000-3-2, Class A Voltage Flicker • EN61000-3-3 ESD Immunity • EN61000-4-2, level 4 Perf Criteria A Radiated Immunity • EN61000-4-3, level 3 Perf Criteria A EFT/Burst • EN61000-4-4, level 4 Perf Criteria A Surge • EN61000-4-5, installation class 4, Perf Criteria A Conducted Immunity • EN61000-4-6, level 3 perf criteria A Magnetic Field • EN61000-4-8, level 4 perf criteria A Dips & Interruptions • EN61000-4-11, 30% 500 ms, 60% 200 ms, >95% 5000 ms Perf Criteria A, A, A Safety Approvals • EN60950-1 UL508 UL60950-1 Pollution Degree 2, UL60950-1 Overvoltage Category II UL508 Overvoltage Category III, ANSI/ISA 12.12.01 Class 1, Division 2, Groups A,B,C and D |
Similar Part No. - DNR240TS24-I |
|
Similar Description - DNR240TS24-I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |