Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNR480TS48-I Datasheet(PDF) 1 Page - XP Power Limited

Part # DNR480TS48-I
Description  Three Phase AC Input
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DNR480TS48-I Datasheet(HTML) 1 Page - XP Power Limited

  DNR480TS48-I Datasheet HTML 1Page - XP Power Limited DNR480TS48-I Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
120960 Watts
Three Phase AC Input
Up to 93% Efficiency
Wide Adjustment Range
Full Power 40 º C to +60 º C
Rugged Design for Industrial Applications
Single Phase Input Operation (340575 VAC)
3 Year Warranty
DNR120960TS Series
Input
Input Voltage
• 340-575 VAC 3 phase (single phase
operation with 75% of rated output),
480-820 VDC
Input Frequency
• 47-63 Hz
Input Current
• See tables
Inrush Current
• DNR120: 10.0 A, DNR240: 20.0 A,
DNR480: 20.0 A, DNR960: 30.0 A,
typical at 480 VAC, cold start
Power Factor
• 0.6 typical at 480 VAC input and nominal
load, DNR960TS: 0.8 typical at 480 VAC
input and nominal load
Earth Leakage Current
• 0.32 mA
Input Protection
• 3 internal fuses,
DNR120TS, DNR240TS: T2.0 A, 600 VAC,
DNR480TS: T3.15 A, 500 VAC,
DNR960TS: T5.0 A, 500 VAC
Output
Output Voltage
• See table
Output Voltage Trim
• See table
Initial Set Accuracy
• ±1%
Minimum Load
• No minimum load required
Start Up Delay
• <1 s (may increase at low
temperature extremes)
Start Up Rise Time
• <150 ms
Hold Up Time
• 20 ms min at 480 VAC,
DNR960TS: 15 ms min at 480 VAC
Line Regulation
• ±1%
Load Regulation
• ±1% max (±5% for units in parallel (not
DNR120TS))
Parallel Operation
• 2 units can be connected in parallel
(not DNR120TS), total power available is
90% of the rated current of each unit,
minimum load per unit 10%, use Ishare
connection for DNR960TS. Redundancy
module DPM10 available for load currents
up to 10 A, contact sales
Transient Response
• 4% max deviation recovering to within
1% in 2 ms for 50% load change
Ripple & Noise
• 100 mV pk-pk 20 MHz bandwidth,
DNR960TS: 80 mV pk-pk 20 MHz
bandwidth, (may increase at low
temperature extremes)
Overvoltage Protection
• 120-145%, auto recovery
Overload Protection
• 110%-140%, constant current,
auto recovery
Temperature Coefficient
• ±0.03%/°C
Short Circuit Protection
• Continuous trip and restart (hiccup mode)
(DNR480TS switchable hiccup mode or
power limited )
xppower.com
General
Efficiency
• See table
Isolation
• 3000 VAC Input to Output, 1500 VAC
Input to Ground, 500 VAC Output to
Ground
Switching Frequency
• DNR120TS: 70 kHz typical,
DNR240TS: 25 kHz typical,
DNR480TS: 80 kHz typical,
DNR960TS: 52 kHz typical
Signals
• DC ON indicator LED Green,
DC LOW indicator LED Red
DC OK: normally open relay on 24 V models
MTBF
• DNR120TS: 550 kHrs, 240TS: 500 kHrs
480TS: 420 kHrs, 960TS: 380 kHrs to
Bellcore Issue 6, at +40 °C, GB
DIN Rail
• Compatible with TS35/7.5 or TS35/15
Environmental
Operating Temperature
• -40 °C to 70 °C (DNR480TS -30 °C),
derate linearly from 60 °C at 2.5%/°C
(3.5%/°C for DNR960TS), start up at
-35 °C (DNR480TS -20 °C)
see derating curves
Cooling
• Convection-cooled with 25 mm free space
all sides
Operating Humidity
• 20-95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Shock
• 15 g, 11 ms, 3 axis, 6 faces, 3 shocks/face
Vibration
• 2 g, 10 Hz to 500 Hz, along X, Y & Z axis,
60 min/axis, mounted on rail
EMC & Safety
Emissions
• EN55022, Class B conducted & radiated
Harmonic Currents
• EN61000-3-2, Class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 4 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 4 Perf Criteria A
Surge
• EN61000-4-5, installation class 4,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 perf criteria A
Magnetic Field
• EN61000-4-8, level 4 perf criteria A
Dips & Interruptions
• EN61000-4-11, 30% 500 ms,
60% 200 ms, >95% 5000 ms
Perf Criteria A, A, A
Safety Approvals
• EN60950-1 UL508 UL60950-1
Pollution Degree 2,
UL60950-1 Overvoltage Category II
UL508 Overvoltage Category III,
ANSI/ISA 12.12.01 Class 1, Division 2,
Groups A,B,C and D


Similar Part No. - DNR480TS48-I

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DNR480TS48-I XPPOWER-DNR480TS48-I Datasheet
166Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - DNR480TS48-I

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
XT40.241 PULS-XT40.241 Datasheet
585Kb / 20P
   THREE-PHASE INPUT
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
   THREE PHASE INPUT
XT40.361 PULS-XT40.361 Datasheet
544Kb / 20P
   THREE-PHASE INPUT
XT40.481 PULS-XT40.481 Datasheet
590Kb / 20P
   THREE-PHASE INPUT
QT40.241 PULS-QT40.241 Datasheet
953Kb / 29P
   THREE PHASE INPUT
QT20.361 PULS-QT20.361 Datasheet
728Kb / 23P
   THREE PHASE INPUT
QT20.241 PULS-QT20.241 Datasheet
932Kb / 27P
   THREE PHASE INPUT
QT40.361 PULS-QT40.361 Datasheet
895Kb / 27P
   THREE PHASE INPUT
XT40.721 PULS-XT40.721 Datasheet
519Kb / 19P
   THREE-PHASE INPUT
QT40.481 PULS-QT40.481 Datasheet
912Kb / 28P
   THREE PHASE INPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com