Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSSS91B900 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS91B900
Description  Mid-size general purpose type well established for user friendliness
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS91B900 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSSS91B900 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS91B900 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS91B900 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS91B900 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS91B900 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS91B900 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS91B900 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SSSS91B900 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
97
97
SSSS9/5(H)mm, 2mm-travel Type
Style
No.
PC board mounting hole dimensions
(Viewed from direction A)
4
5
6
7
a
1
1-pole, 3-position
Snap-in type
A
PC board
mounting face
Terminal No. 1
Travel
0.35
2.5
5.5
7.2
0.5
2 2
9
2
2
11.5
2
4
2-pole, 2-position
Standard type
14
2
2-C0.3
2
22
11.5
0.5
Travel
A
PC board
mounting face
4
Terminal No.1
2
7.2
2
0.35
5.5
4
2.5
ab c
2-pole, 3-position
Standard type
14
2
2-C0.3
2
2 2
11.5
0.5
A
PC board
mounting face
15.9
16.9
4
2
Terminal No.1
a
7.2
2
0.35
4
2.5
Travel
ab c
2-pole, 3-position
Snap-in type
22
4-ø0.7 hole
1.5
1.5
16.5
4
6-ø0.7 hole
22
22
8-ø0.7 hole
4
22
8-ø0.7 hole
1.5
1.5
16.5
4
Dimensions
Unit:mm
Vertical Actuator Type


Similar Part No. - SSSS91B900

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS91B900 ALPS-SSSS91B900 Datasheet
395Kb / 6P
   Slide Switch
More results

Similar Description - SSSS91B900

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSF ALPS-SSSF_15 Datasheet
993Kb / 6P
   Large-size general purpose type well established in various fields
logo
Yamaichi Electronics Co...
CN074-340-0003 YAMAICHI-CN074-340-0003 Datasheet
107Kb / 1P
   AdvancedMCTM Connector for ATCA (Type AB mid size)
logo
ALPS ELECTRIC CO.,LTD.
SSSU ALPS-SSSU_15 Datasheet
974Kb / 6P
   Large-size general purpose type with various knobs
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECO-S2HP680CA PANASONIC-ECO-S2HP680CA Datasheet
243Kb / 9P
   Compact size for general purpose and industrial applications
ECOS1CP473EA PANASONIC-ECOS1CP473EA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
logo
ALPS ELECTRIC CO.,LTD.
SPPB ALPS-SPPB Datasheet
750Kb / 8P
   General-purpose Type
SPPB ALPS-SPPB_15 Datasheet
1Mb / 8P
   General-purpose Type
logo
Winchester Electronics ...
7410-16 WINCHESTER-7410-16 Datasheet
47Kb / 1P
   MID SIZE PATECH PLUG
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com