Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSSU113200 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSU113200
Description  Large-size general purpose type with various knobs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSU113200 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSSU113200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSU113200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSU113200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSU113200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSU113200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSU113200 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
109
109
}
Operating force with detent :
Travel
3
PC board
mounting face
Terminal No.1
A
3
3
25.5
33
3
1.5N
a b c
0.5
a J b
c J b
b J a
b J c } 2N
ℓ: shaft length
24.5
0.35
1.25
R
7
R
-1
Travel
3
PC board
mounting face
Terminal No.1
A
3
3
19.5
Operating force with detent : 2N
0.5
18.5
r
: shaft length
0.35
2.5
R
7
R
-1
Travel
3
PC board
mounting face
Terminal No. 1
A
3
3
19.5
Operating force with detent : 2N
0.5
r
: shaft length
18.5
0.35
1.25
R
7
R
-1
Operating force with detent :
Travel
3
PC board
mounting face
Terminal No.1
A
0.5
3
3
25.5
33
3
1.5N
a b c
a J b
c J b
b J a
b J c
}
} 2N
ℓ: shaft length
24.5
0.35
2.5
R
7
R
-1
Unit:mm
Dimensions
Style
No.
PC board mounting hole dimensions
(Viewed from direction A)
6
1-pole, 2-position
7
1-pole, 3-position
8
2-pole, 2-position
Horizontal Actuator Type
9
2-pole, 3-position
SSSU/8.5(H)mm, 3mm-travel Type
33
5-ø0.7 hole
1.5
1.5
33
25.3
33
6-ø0.7 hole
1.5
1.5
19.3
33
3-ø0.7 hole
1.5
1.5
19.3
33
10-ø0.7 hole
1.5
1.5
33
25.3


Similar Part No. - SSSU113200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSU113200 ALPS-SSSU113200 Datasheet
306Kb / 5P
   Slide Switch
More results

Similar Description - SSSU113200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSF ALPS-SSSF_15 Datasheet
993Kb / 6P
   Large-size general purpose type well established in various fields
logo
Sharp Corporation
LM64P11 SHARP-LM64P11 Datasheet
34Kb / 1P
   Large Size Graphic Type LCD Module
LM64183P SHARP-LM64183P Datasheet
59Kb / 1P
   Large Size Graphic Type LCD Module
logo
List of Unclassifed Man...
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
   Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
   Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
   Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
   Knobs
logo
Adam Technologies, Inc.
RPL1CP ADAM-TECH-RPL1CP Datasheet
180Kb / 3P
   RELAY POWER RELAY LARGE SIZE-TYPE RPL
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
   Knobs
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
   Knobs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com