Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T64020GR Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # HYS72T64020GR
Description  DDR2 Registered DIMM Modules
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72T64020GR Datasheet(HTML) 3 Page - Infineon Technologies AG

  HYS72T64020GR Datasheet HTML 1Page - Infineon Technologies AG HYS72T64020GR Datasheet HTML 2Page - Infineon Technologies AG HYS72T64020GR Datasheet HTML 3Page - Infineon Technologies AG HYS72T64020GR Datasheet HTML 4Page - Infineon Technologies AG HYS72T64020GR Datasheet HTML 5Page - Infineon Technologies AG HYS72T64020GR Datasheet HTML 6Page - Infineon Technologies AG HYS72T64020GR Datasheet HTML 7Page - Infineon Technologies AG HYS72T64020GR Datasheet HTML 8Page - Infineon Technologies AG HYS72T64020GR Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
HYS72Txx0xxGR
Registered DDR2 SDRAM-Modules
INFINEON Technologies
3
2.04
1.1 Ordering Information
1.2 Address Format
Type & Partnumber
Compliance Code
Description
SDRAM
Technology
PC2-3200 (DDR2-400):
HYS72T32000GR-5-A
PC2-3200R-33310-A
one rank 256 MB Reg. DIMM
256 Mbit (x8)
HYS72T64020GR-5-A
PC2-3200R-33310-B
two ranks 512 MB Reg. DIMM
256 Mbit (x8)
HYS72T64001GR-5-A
PC2-3200R-33310-C
one ranks 512 MB Reg.DIMM
256 Mbit (x4)
PC2-4200 (DDR2-533):
HYS72T32000GR-3.7-A
PC2-4200R-44410-A
one rank 256 MB Reg. DIMM
256 Mbit (x8)
HYS72T64020GR-3.7-A
PC2-4200R-44410-B
two ranks 512 MB Reg. DIMM
256 Mbit (x8)
HYS72T64001GR-3.7-A
PC2-4200R-44410-C
one ranks 512 MB Reg.DIMM
256 Mbit (x4)
PC2-5300 (DDR2-667):
HYS72T32000GR-3-A
PC2-5300R-44410-A
one rank 256 MB Reg. DIMM
256 Mbit (x8)
HYS72T64020GR-3-A
PC2-5300R-44410-B
two ranks 512 MB Reg. DIMM
256 Mbit (x8)
HYS72T64001GR-3-A
PC2-5300R-44410-C
one ranks 512 MB Reg.DIMM
256 Mbit (x4)
Notes:
1. All part numbers end with a place code, designating the silicon die revision. Example: HYS 72T32000GR-5-A, indicating
Rev. A dies are used for DDR2 SDRAM components. For all INFINEON DDR2 module and component nomenclature see
section 8 of this datasheet.
2. The Compliance Code is printed on the module label and describes the speed grade, f.e. “PC2-4200R-44410-C”, where
4200R means Registered DIMM modules with 4.26 GB/sec Module Bandwidth and “44410” means CAS latency = 4, trcd
latency = 4 and trp latency = 4 using the latest JEDEC SPD Revision 1.0 and produced on the Raw Card “C”.
Part Number
DIMM
Density
Organization
Memory
Ranks
DDR2-
SDRAMs
# of
SDRAMs
# of row/bank/
column bits
HYS72T32000GR
256 MB
32Mb
× 72
1
(256Mb)
32Mb
× 8
9
13/2/10
HYS72T64020GR
512 MB
2 x 32Mb
× 72
2
(256Mb)
32Mb
× 8
18
13/2/10
HYS72T64001GR-
512 MB
64Mb x 72
1
(256Mb)
64Mb
× 4
18
13/2/11


Similar Part No. - HYS72T64020GR

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T64020HR QIMONDA-HYS72T64020HR Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64020HR-2.5-A QIMONDA-HYS72T64020HR-2.5-A Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64020HR-3-A QIMONDA-HYS72T64020HR-3-A Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64020HR-3.7-A QIMONDA-HYS72T64020HR-3.7-A Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64020HR-3S-A QIMONDA-HYS72T64020HR-3S-A Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
More results

Similar Description - HYS72T64020GR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
Micron Technology
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com